Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1660 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1660
Description  Incoming Call Line Identification (ICLID) Receiver with Ring Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1660 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS1660 Datasheet HTML 1Page - Integrated Circuit Systems ICS1660 Datasheet HTML 2Page - Integrated Circuit Systems ICS1660 Datasheet HTML 3Page - Integrated Circuit Systems ICS1660 Datasheet HTML 4Page - Integrated Circuit Systems ICS1660 Datasheet HTML 5Page - Integrated Circuit Systems ICS1660 Datasheet HTML 6Page - Integrated Circuit Systems ICS1660 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DC Characteristics
VIN = 4.5V - 10.0V; TA = 0
°C - 70 °C, Recommended Operating Range
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
IIN
PWR LOW, VIN =9.0V,
IDD=2
µA
-20
30
uA
Active Current
IIN
PWR HIGH, VIN=9.0V
VCOSET=300k
-
-
10
mA
Regulator Output Voltage
VDD
4.5
5.0
5.5
Volts
Regulator Output Current
IDD
Output Current
2.0
25.0
mA
Regulator Dropout
VIN
0.5
1.0
Volts
Low Battery Detect
6.0
Volts
Low Battery Detect
Hysteresis
Low Battery Detect - Hysteresis
200
mV
OUTPUT CURRENT SINK/SOURCE
Ring Source Current
IOUT
VOUTH = VDD - 0.5V
-500
-
-
uA
FSKBAT and Ring Sink
Current
IOUT
VOUTL = VSS + 0.4V
-
-
500
uA
Ordering Information
ICS1660N or ICS1660M
Example:
ICS XXXX M
Package Type
N=DIP (Plastic)
M=SOIC
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
ICS1660
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com