Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1660 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS1660
Description  Incoming Call Line Identification (ICLID) Receiver with Ring Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1660 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS1660 Datasheet HTML 1Page - Integrated Circuit Systems ICS1660 Datasheet HTML 2Page - Integrated Circuit Systems ICS1660 Datasheet HTML 3Page - Integrated Circuit Systems ICS1660 Datasheet HTML 4Page - Integrated Circuit Systems ICS1660 Datasheet HTML 5Page - Integrated Circuit Systems ICS1660 Datasheet HTML 6Page - Integrated Circuit Systems ICS1660 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Input/Output Specifications
Digital
RING and FSKBAT outputs are standard CMOS outputs with
voltage swings between VSS and VDD.
PWR is a logic input. A level converter circuit is on chip to
allow the logic signal that swing between VSS and VDD to be
internally converted to signals that swing between VSS and
VIN. It should be noted that to minimize power consumption
caused by through current in logic gates, the PWR input should
always swing to within 100 mV of VSS or VDD. The PWR
input signal is low when the ICS1660 is in lower power mode
waiting for an incoming call.
The LFILTER output is a standard CMOS output powered from
VDD. This output has an internal resistor with a typical value
of 30k
Ω. This is used in conjunction with the external capacitor
shown in the block diagram to form the loop filter for the PLL.
Analog
The value of the ring detect is as previously discussed 35.0V
RMS typical. The actual value is set by the choice of the
external resistors that are connected to the LINEA and LINEB
inputs. The matching of these resistors to the internal 8.1k
Ω
resistors is also a factor. The signal level at the chip that will
cause a ring is the bandgap voltage, (1.25V) or below.
The chip is designed for an input signal level of -12.5dbm to
-28.5dbm into 900 ohms. This translates to a signal that is
between 100 mV and 636 mV peak to peak.
The filter section should be connected as shown in the block
diagram. Using the external capacitors as shown, and assuming
nominal values on the internal resistors, the corner frequencies
are 900 HZ and 3860 HZ.
An external resistor with a value of approximately 330k
Ω is
connected between the LFILTER and POSTF pads. This resis-
tor along with the external capacitor shown in the block dia-
gram form the post filter. This post filter is used in conjunction
with the comparator to do the FSK demodulation.
Absolute Maximum Ratings*
(Voltages referenced to VSS)
Supply Voltage . . . . . . . . VIN . . . . . . . . . -0.5V to +10V
Voltage at any Input . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Operation Temperature Range
. . . . . . . . . . . -55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . -50
°C to 150°C
*
Absolute maximum ratings are those values beyond which the safety of this device cannot be guaranteed.
These values are NOT RECOMMENDED operating conditions.
ICS1660
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com