Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2694 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS2694
Description  Motherboard Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2694 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS2694 Datasheet HTML 1Page - Integrated Circuit Systems ICS2694 Datasheet HTML 2Page - Integrated Circuit Systems ICS2694 Datasheet HTML 3Page - Integrated Circuit Systems ICS2694 Datasheet HTML 4Page - Integrated Circuit Systems ICS2694 Datasheet HTML 5Page - Integrated Circuit Systems ICS2694 Datasheet HTML 6Page - Integrated Circuit Systems ICS2694 Datasheet HTML 7Page - Integrated Circuit Systems ICS2694 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Description
PIN NUMBER
NAME
DESCRIPTION
1
OUT2
4mA Output.
2
OUT1
4mA Output.
3
OUT0
4mA Output
4
OUT9
4mA Output.
5
CPUCLK
4mA Output driven by Voltage Controlled Oscillator 1 (VC01). VC01 is controlled
by a 16 word ROM.
6
VSS
Ground for digital portion of chip.
7
DVDD
Plus supply for digital portion of chip.
8
STROBE
Input control for transparent latches associated with CPU (0-3) which select one of
16 values for CPUCLK. Holding STROBE high causes the latches to be transparent.
9
CPUSEL0
LSB CPUCLK address bit.
10
CPUSEL1
CPUCLK address bit.
11
CPUSEL2
CPUCLK address bit.
12
CPUSEL3
MSB CPUCLK address bit.
13
CLKIN
An alternative input for the reference clock. The crystal oscillator output and CLKIN
are gated together to generate the reference clock for the VCO’s. If CLKIN is used,
XTAL1 should be held high and XTAL2 left open. If the internal oscillator is used,
hold CLKIN high.
14
OUTPUTE
Pulling this line low tristates all outputs.
15
AVSS
Ground for analog portion of chip.
16
XTAL1
Input of internal crystal oscillator stage.
17
XTAL2
Output of internal crystal oscillator stage. This pin should have nothing connected
to it but one of the quartz crystal terminals.
18
AVDD
Positive supply for analog portion of chip.
19
OUT8
4mA Output.
20
OUT7
4mA Output. (Usually assigned as CPUCLK/2 for co-processor use.)
21
OUT6
4mA Output.
22
OUT5
4mA Output.
23
OUT4
4mA Output.
24
OUT3
4mA Output.
ICS2694
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com