Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2694 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2694
Description  Motherboard Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2694 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2694 Datasheet HTML 1Page - Integrated Circuit Systems ICS2694 Datasheet HTML 2Page - Integrated Circuit Systems ICS2694 Datasheet HTML 3Page - Integrated Circuit Systems ICS2694 Datasheet HTML 4Page - Integrated Circuit Systems ICS2694 Datasheet HTML 5Page - Integrated Circuit Systems ICS2694 Datasheet HTML 6Page - Integrated Circuit Systems ICS2694 Datasheet HTML 7Page - Integrated Circuit Systems ICS2694 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS2694
Motherboard Clock Generator
Integrated
Circuit
Systems, Inc.
Description
The ICS2694 Motherboard Clock Generator is an integrated
circuit using PLL and VCO technology to generate virtually all
the clock signals required in a PC. The use of the device can be
generalized to satisfy the timing needs of most digital systems
by reprogramming the VCO or reconfiguring the counter stages
which derive the output frequencies from the VCO’s.
The primary VCO is customarily used to generate the CPU
clock and is so labeled on the ICS2694. Pre-programmed
frequency sets are listed on page 6. These choices were made
to match the major microprocessor families. CPUSEL (0-3)
allow the user to select the appropriate frequency for the
application.
Due to the filter in the phase-locked loop, the CPUCLK will
move in a linear fashion from one frequency to a newly-
selected frequency without glitches. If a fixed CPUCLK value
is desired, CPUSEL (0-3) may be hard wired to the desired
address with STROBE tied high. (It has a pull-up.) For board
test and debug, pulling OUTPUTE to Ground will tristate all
the outputs.
Features
•• Low cost - eliminates multiple oscillators and Count
Down Logic
•• Primary VCO has 16 Mask Programmable frequencies
(normally CPU clock)
•• Secondary VCO has 1 Mask Programmable frequency
(usually 96 MHz)
•• Pre-programmed versions for typical PC applications
•• 10 Outputs in addition to the primary CPU clock
•• Capability to reconfigure counter stages to change the
frequencies of the outputs via mask options
•• Advanced PLL design
•• On-chip PLL filters
•• Very Flexible Architecture
OUT2
1
24
OUT3
OUT1
2
23
OUT4
OUT0
3
22
OUT5
OUT9
4
21
OUT6
CPUCLK
5
20
OUT7 (CPUCLK/2)
VSS
6
19
OUT8
DVDD
7
18
AVDD
STROBE
8
17
XTAL2
CPUSEL0
9
16
XTAL1
CPUSEL1
10
15
AVSS
CPUSEL2
11
14
OUTPUTE
CPUSEL3
12
13
CLKIN
24-Pin DIP or SOIC
Pin Configuration
ICS2694RevA1094
Applications
•• CPU clock and Co-processor clock
•• Hard Disk and Floppy Disk clock
•• Keyboard clock
•• Serial Port clock
•• Bus clock
•• System counting or timing functions


Similar Part No. - ICS2694

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS200 ICST-ICS200 Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
ICS2002 ICST-ICS2002 Datasheet
550Kb / 21P
Wavedec Digital Audio Codec
RevF093094
ICS2002Y ICST-ICS2002Y Datasheet
550Kb / 21P
Wavedec Digital Audio Codec
RevF093094
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
More results

Similar Description - ICS2694

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
logo
Integrated Circuit Syst...
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
32 KhZ Motherboard Frequency Generator
Rev B 052897
ICS9133X ICST-ICS9133X Datasheet
144Kb / 8P
32 kHz Motherboard Frequency Generator
Rev A 052897
ICS9134-06 ICST-ICS9134-06 Datasheet
204Kb / 6P
32 kHz Motherboard Frequency Generator
RevC111695
logo
List of Unclassifed Man...
FS6232-01 ETC-FS6232-01 Datasheet
194Kb / 14P
TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PLL205-01 ETC1-PLL205-01 Datasheet
112Kb / 12P
Motherboard Clock Generator for AMD - K7
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
32 KhZ Motherboard Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com