Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2694 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS2694
Description  Motherboard Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2694 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS2694 Datasheet HTML 1Page - Integrated Circuit Systems ICS2694 Datasheet HTML 2Page - Integrated Circuit Systems ICS2694 Datasheet HTML 3Page - Integrated Circuit Systems ICS2694 Datasheet HTML 4Page - Integrated Circuit Systems ICS2694 Datasheet HTML 5Page - Integrated Circuit Systems ICS2694 Datasheet HTML 6Page - Integrated Circuit Systems ICS2694 Datasheet HTML 7Page - Integrated Circuit Systems ICS2694 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . VDD. . . . . . . . . . . . -0.5V to +7V
Input Voltage . . . . . . . . . . . . . . . . . . VIN . . . . . . . . . . . . -0.5V to VDD +0.5V
Output Voltage . . . . . . . . . . . . . . . . VOUT . . . . . . . . . . -0.5V to VDD +0.5V
Clamp Diode Current . . . . . . . . . . . VIK & IOK. . . . . . .
±30mA
Output Current per Pin . . . . . . . . . . IOUT . . . . . . . . . . .
±50mA
Operating Temperature . . . . . . . . . . TO . . . . . . . . . . . . . 0
°C to + 150°C
Storage Temperature . . . . . . . . . . . . TS . . . . . . . . . . . . . -85
°C to + 150°C
Power Dissipation . . . . . . . . . . . . . . PD . . . . . . . . . . . . . 500mW
Values beyond these ratings may damage the device. This device contains circuitry to protect the inputs and outputs against
damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid applications
of any voltage higher than the maximum rated voltages. For proper operation, it is recommended that VIN and VOUT be constrained
to > = VSS and < = VDD.
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Operating Voltage Range
VDD
4.0
5.5
V
Input Low Voltage
VIL
VDD = 5V
VSS
0.8
V
Input High Voltage
VIH
VDD = 5V
2.0
VDD
V
Input Leakage Current
IIH
VIN = Vcc
-10
uA
Output Low Voltage
VOL
IOL = 4.0 mA
-
0.4
V
Output High Voltage
VOH
IOH = 4.0 mA
2.4
-
V
Supply Current
IDD
VDD = 5V, CPUCLK = 80 MHz
-
55
mA
Internal Pull-up Resistors
RUP *VDD = 5V, Vin = 0V
50
-
k ohm
Input Pin Capacitance
Cin
Fc = 1 MHz
-
8
pF
Output Pin Capacitance
Cout
Fc = 1 MHz
-
12
pF
* The following inputs have pull-ups: OUTPUTE, STROBE, CPUSEL (0-3), CLKIN.
DC Characteristics (0
°C to 70°C)
ICS2694
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com