Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2694 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS2694
Description  Motherboard Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2694 Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS2694 Datasheet HTML 1Page - Integrated Circuit Systems ICS2694 Datasheet HTML 2Page - Integrated Circuit Systems ICS2694 Datasheet HTML 3Page - Integrated Circuit Systems ICS2694 Datasheet HTML 4Page - Integrated Circuit Systems ICS2694 Datasheet HTML 5Page - Integrated Circuit Systems ICS2694 Datasheet HTML 6Page - Integrated Circuit Systems ICS2694 Datasheet HTML 7Page - Integrated Circuit Systems ICS2694 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ICS2694 Standard Patterns
CPUSEL0-3
(Hex)
CPUCLK OUTPUT (Pin 5)
(MHz)
02
110
220
324
425
532
6
33.33
740
848
950
10
54
11
66.67
12
68
13
80
14
100
15
16
Note: Pattern -004 has rising edges of CPUCLK and
CPUCLK/2 matched to
± 2 ns.
Another alternative for CPU CLOCK generation is the
ICS2494-244 if the additional functions of the ICS2694 are
not needed in the application.
ICS
Part Number
ICS2494-
244
Address FS3-0
(Hex)
Frequency
(MHz)
020
124
232
340
450
566.6
680
7
100
854
970
090
B110
C25
D33.3
E40
F50
Address MS1-0
(Hex)
Frequency
(MHz)
016
124
250
366.6
32 MHz
1
24
16 MHz
1.846 MHz
2
23
8 MHz
24 MHz
3
22
9.6 MHz
6 MHz
4
21
14.318 MHz
CPUCLK
5
20
CPUCLK/2
VSS
6
19
1.19 MHz
DVDD
7
18
AVDD
STROBE
8
17
XTAL2
CPUSEL0
9
16
XTAL1
CPUSEL1
10
15
AVSS
CPUSEL2
11
14
OUTPUTE
CPUSEL3
12
13
CLKIN
ICS2694
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com