Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STOD02PUR
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STOD02PUR Datasheet HTML 9Page - STMicroelectronics STOD02PUR Datasheet HTML 10Page - STMicroelectronics STOD02PUR Datasheet HTML 11Page - STMicroelectronics STOD02PUR Datasheet HTML 12Page - STMicroelectronics STOD02PUR Datasheet HTML 13Page - STMicroelectronics STOD02PUR Datasheet HTML 14Page - STMicroelectronics STOD02PUR Datasheet HTML 15Page - STMicroelectronics STOD02PUR Datasheet HTML 16Page - STMicroelectronics STOD02PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STOD02
Typical performance characteristics
Doc ID 15245 Rev 3
13/23
7
Typical performance characteristics
CI = CO1,2 = 4.7 µF, CREF = 1 µF, L1 = L2 = 4.7 µH, TJ = 25 °C
Figure 7.
Efficiency vs. input voltage
Figure 8.
Efficiency vs. output current
Efficiency values are measured using MARUWA
CXFU0208-4R7 (0.44
Ω DC resistance)
Efficiency values are measured using MARUWA
CXFU0208-4R7 (0.44
Ω DC resistance)
Figure 9.
Step-up inductor peak current vs.
input voltage
Figure 10.
Inverting inductor peak current vs.
input voltage
Figure 11.
PWM step-up frequency vs.
temperature
Figure 12.
PWM inverting frequency vs.
temperature
I
OUT=100mA
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
2.52.9
3.33.7
4.14.5
4.9
5.3
V
IN [V]
I
OUT=100mA
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
2.52.9
3.33.7
4.14.5
4.9
5.3
V
IN [V]
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
20
40
60
80
100
120
140
160
I
OUT [mA]
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
EN=VINA=VINP=2.3 to 4.5 V, VO1=below 10% of nominal value, VO2=-4.9 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2
2.5
3
3.5
4
4.5
5
INPUT VOLTAGE [V]
V
EN=VINA=VINP=2.3 to 4.5 V, VO1=below 10% of nominal value, VO2=-4.9 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2
2.5
3
3.5
4
4.5
5
INPUT VOLTAGE [V]
V
EN=VINA=VINP=2.3 to 6 V, VO2=below 10% of nominal value, VO1=4.6 V
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
23
4
5
6
INPUT VOLTAGE [V]
V
EN=VINA=VINP=2.3 to 6 V, VO2=below 10% of nominal value, VO1=4.6 V
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
23
4
5
6
INPUT VOLTAGE [V]
V
EN=VINA=VINP=3.7V, L1=L2=OPEN LOOP replaced by 100Ω resistor,
I
O1,2=NO LOAD, VO1=+4V, VO2=-4V externally forced, TJ=-55°C to 125°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE [°C]
V
EN=VINA=VINP=3.7V, L1=L2=OPEN LOOP replaced by 100Ω resistor,
I
O1,2=NO LOAD, VO1=+4V, VO2=-4V externally forced, TJ=-55°C to 125°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE [°C]
V
EN=VINA=VINP=3.7V, L1=L2=OPEN LOOP replaced by 100Ω resistor,
I
O1,2=NO LOAD, VO1=+4V, VO2=-4V externally forced, TJ=-55°C to 125°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE [°C]
V
EN=VINA=VINP=3.7V, L1=L2=OPEN LOOP replaced by 100Ω resistor,
I
O1,2=NO LOAD, VO1=+4V, VO2=-4V externally forced, TJ=-55°C to 125°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com