Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STOD02PUR
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02PUR Datasheet(HTML) 4 Page - STMicroelectronics

  STOD02PUR Datasheet HTML 1Page - STMicroelectronics STOD02PUR Datasheet HTML 2Page - STMicroelectronics STOD02PUR Datasheet HTML 3Page - STMicroelectronics STOD02PUR Datasheet HTML 4Page - STMicroelectronics STOD02PUR Datasheet HTML 5Page - STMicroelectronics STOD02PUR Datasheet HTML 6Page - STMicroelectronics STOD02PUR Datasheet HTML 7Page - STMicroelectronics STOD02PUR Datasheet HTML 8Page - STMicroelectronics STOD02PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Pin configuration
STOD02
4/23
Doc ID 15245 Rev 3
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Description
1LX1
Switching node of the step up converter
2
PGND
Power ground pin
3VO1
Step up converter output voltage
4
NC
Not connected
5
AGND
Signal ground pin. This pin must be connected to power ground pin
6VREF
External voltage reference
7
S-wire
Negative voltage setting pin, uses S-wire protocol
8
EN
Enable control pin. ON = VI. When pulled low, the device goes in shutdown mode
9VO2
Inverting converter output voltage
10
LX2
Switching node of the inverting converter
11
VINA
Analog input supply voltage
12
VINP
Power input supply voltage
exposed
pad
Internally connected to AGND. Exposed pad must be connected to AGND and PGND in
the PCB layout in order to guarantee proper operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com