Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD02PUR
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02PUR Datasheet(HTML) 5 Page - STMicroelectronics

  STOD02PUR Datasheet HTML 1Page - STMicroelectronics STOD02PUR Datasheet HTML 2Page - STMicroelectronics STOD02PUR Datasheet HTML 3Page - STMicroelectronics STOD02PUR Datasheet HTML 4Page - STMicroelectronics STOD02PUR Datasheet HTML 5Page - STMicroelectronics STOD02PUR Datasheet HTML 6Page - STMicroelectronics STOD02PUR Datasheet HTML 7Page - STMicroelectronics STOD02PUR Datasheet HTML 8Page - STMicroelectronics STOD02PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STOD02
Maximum ratings
Doc ID 15245 Rev 3
5/23
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VINP
DC supply voltage
-0.3 to 6
V
EN,S-wire
Enable pin, S-wire pin
-0.3 to 6
V
ILX2
Inverting converter’s switching current
Internally limited
A
LX2
Inverting converter switching node
-10 to VINP+0.3
V
VO2
Inverting converter output voltage
-10 to GND+0.3
V
VO1
Step-up converter output voltage
-0.3 to 6
V
LX1
Step-up converter switching node
-0.3 to VO1+0.3
V
ILX1
Step up converter’s switching current
Internally limited
A
VREF
Reference voltage
-0.3 to 3
V
PD
Power dissipation
Internally limited
mW
Tst
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
ESD
ESD protection HBM
2
kV
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient referred to FR-4 PCB
49.1
°C/W
RthJC
Thermal resistance junction-case
4.216
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com