Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STOD02PUR
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STOD02PUR Datasheet HTML 13Page - STMicroelectronics STOD02PUR Datasheet HTML 14Page - STMicroelectronics STOD02PUR Datasheet HTML 15Page - STMicroelectronics STOD02PUR Datasheet HTML 16Page - STMicroelectronics STOD02PUR Datasheet HTML 17Page - STMicroelectronics STOD02PUR Datasheet HTML 18Page - STMicroelectronics STOD02PUR Datasheet HTML 19Page - STMicroelectronics STOD02PUR Datasheet HTML 20Page - STMicroelectronics STOD02PUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STOD02
Package mechanical data
Doc ID 15245 Rev 3
17/23
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 11.
DFN12L (3 x 3 x 0.8 mm) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.700.750.80
A1
0
0.02
0.05
A3
0.20
b
0.180.250.30
D
2.85
3
3.15
D2
1.87
2.02
2.12
E
2.85
3
3.15
E2
1.06
1.21
1.31
e0.45
L
0.300.400.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com