Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS543MT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS543MT
Description  PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS543MT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS543MT Datasheet HTML 1Page - Integrated Circuit Systems ICS543MT Datasheet HTML 2Page - Integrated Circuit Systems ICS543MT Datasheet HTML 3Page - Integrated Circuit Systems ICS543MT Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS543
Clock Divider and 2X Multiplier
MDS 543 A
3
Revision 010599
Printed 12/4/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
PRELIMINARY INFORMATION
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
C
Soldering Temperature
Max of 10 seconds
260
C
Storage temperature
-65
150
C
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK only
ICLK (Pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, ICLK only
ICLK (Pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
S0, S1, OE
2
V
Input Low Voltage, VIL
S0, S1, OE
0.8
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD Operating Supply Current, 50 MHz input
No Load, 5.0V, ÷5, ÷10
17
mA
IDD Operating Supply Current, 50 MHz input
No Load, 3.3V, ÷5, 10
9
mA
Short Circuit Current
Each Output
±70
mA
Input Capacitance, S1, S0, OE
Pins 4, 5, 6
4
pF
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Input Frequency, clock input
at VDD = 5V
4
See page 2
MHz
Input Frequency, clock input
at VDD = 3.3V
4
See page 2
MHz
Skew of output clocks
rising edges at VDD/2
500
ps
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
at VDD/2
45
49 to 51
55
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com