Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS543MT Datasheet (PDF) - Integrated Circuit Systems

ICS543MT Datasheet PDF - Integrated Circuit Systems
Part # ICS543MT
Download  ICS543MT Download
File Size   60.37 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PRELIMINARY INFORMATION Clock Divider and 2X Multiplier

ICS543MT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS543MT Datasheet PDF - Integrated Circuit Systems

Part # ICS543MT
Download  ICS543MT Click to download

File Size   60.37 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PRELIMINARY INFORMATION Clock Divider and 2X Multiplier

ICS543MT Datasheet (HTML) - Integrated Circuit Systems


ICS543MT Product details

Description
The ICS543 is a cost effective way to produce a high quality clock output divided from a clock input. The chip accepts a clock input up to 90 MHz at 5.0 V, and by using proprietary Phase Locked Loop (PLL) techniques, produces a divide by 3, 5, 6, or 10, or a multiply by 2 of the input clock. There are two outputs on the chip, one being a low-skew divide by two of the other. So, for instance, if an 81 MHz input clock is used, the ICS543 can produce low skew 27 MHz and 13.5 MHz clocks. The chip has an all-chip power down mode that stops the outputs low, and an OE pin that tri-states the outputs.

Features
• Packaged in 8 pin SOIC
• Low cost clock divider and 2X multiplier
• Low skew (500ps) outputs. One is ÷ 2 of other.
• Easy to use with other generators and buffers
• Input clock frequency up to 90 MHz at 5 V
• Output clock duty cycle of 45/55
• Power Down turns off chip
• Output Enable
• Full CMOS clock swings with 25 mA drive capability at TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V




Similar Part No. - ICS543MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS541 ICST-ICS541 Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
ICS541M ICST-ICS541M Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
ICS541MT ICST-ICS541MT Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
171Kb / 6P
CLOCK DIVIDER
More results


Similar Description - ICS543MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS541 ICST-ICS541 Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com