Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS543MT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS543MT
Description  PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS543MT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS543MT Datasheet HTML 1Page - Integrated Circuit Systems ICS543MT Datasheet HTML 2Page - Integrated Circuit Systems ICS543MT Datasheet HTML 3Page - Integrated Circuit Systems ICS543MT Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS543
Clock Divider and 2X Multiplier
MDS 543 A
4
Revision 010599
Printed 12/4/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
PRELIMINARY INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Ince. (ICS) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any
ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
Ordering Information
c
A
b
D
E
H
e
h x 45°
Q
Pin 1
ClockBlocks is a trademark of ICS
Part/Order Number
Marking
Package
Temperature
ICS543M
ICS543M
8 pin SOIC
0 to 70 C
ICS543MT
ICS543M
8 pin SOIC on tape and reel
0 to 70 C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com