Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS543MT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS543MT
Description  PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS543MT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS543MT Datasheet HTML 1Page - Integrated Circuit Systems ICS543MT Datasheet HTML 2Page - Integrated Circuit Systems ICS543MT Datasheet HTML 3Page - Integrated Circuit Systems ICS543MT Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS543
Clock Divider and 2X Multiplier
MDS 543 A
1
Revision 010599
Printed 12/4/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
PRELIMINARY INFORMATION
• Packaged in 8 pin SOIC
• Low cost clock divider and 2X multiplier
• Low skew (500ps) outputs. One is ÷ 2 of other.
• Easy to use with other generators and buffers
• Input clock frequency up to 90 MHz at 5 V
• Output clock duty cycle of 45/55
• Power Down turns off chip
• Output Enable
• Full CMOS clock swings with 25 mA drive
capability at TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V
The ICS543 is a cost effective way to produce a
high quality clock output divided from a clock
input. The chip accepts a clock input up to
90 MHz at 5.0 V, and by using proprietary Phase
Locked Loop (PLL) techniques, produces a divide
by 3, 5, 6, or 10, or a multiply by 2 of the input
clock. There are two outputs on the chip, one
being a low-skew divide by two of the other. So,
for instance, if an 81 MHz input clock is used, the
ICS543 can produce low skew 27 MHz and
13.5 MHz clocks. The chip has an all-chip power
down mode that stops the outputs low, and an OE
pin that tri-states the outputs.
The ICS543 is a member of the ICS
ClockBlocks™ family of clock building blocks.
See the ICS541 and ICS542 for other clock
dividers, and the ICS300, 501, 502, and 503 for
clock multipliers.
Block Diagram
Description
Features
Divider and
Selection
Circuitry
VDD GND
CLK
Output
Buffer
Output
Buffer
S1, S0
2
÷2
Input Clock
OE (both outputs)
CLK/2


Similar Part No. - ICS543MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS541 ICST-ICS541 Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
ICS541M ICST-ICS541M Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
ICS541MT ICST-ICS541MT Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
171Kb / 6P
CLOCK DIVIDER
More results

Similar Description - ICS543MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS541 ICST-ICS541 Datasheet
59Kb / 4P
PRELIMINARY INFORMATION PLL Clock Divider
Revision 082500
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com