Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8343 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8343
Description  Low Skew 1-to-16 Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8343 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8343 Datasheet HTML 1Page - Integrated Circuit Systems ICS8343 Datasheet HTML 2Page - Integrated Circuit Systems ICS8343 Datasheet HTML 3Page - Integrated Circuit Systems ICS8343 Datasheet HTML 4Page - Integrated Circuit Systems ICS8343 Datasheet HTML 5Page - Integrated Circuit Systems ICS8343 Datasheet HTML 6Page - Integrated Circuit Systems ICS8343 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
ICS8343
LOW SKEW 1-TO-16
FANOUT BUFFER
8343
www.icst.com
REV. C, 07072000
1
CLK
OE2
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
OE1
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
VDD1
VDD2
VDD
GND
GENERAL DESCRIPTION
The ICS8343 is a low skew, 1-to-16 Fanout
Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The ICS8343 is at 3.3V, 2.5V and
mixed 3.3V input and 2.5V supply modes over
the commercial temperature range. Guaranteed output and
part-to-part skew characteristics make the ICS8343 ideal for
those clock distribution applications demanding well defined
performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 16 LVCMOS outputs
• Output frequency up to 200MHz
• 250ps output skew
• 700ps part to part
• CMOS compatible clock input at 5V, LVTTL and LVCMOS
compatible at 3.3V and 2.5V
• LVTTL output enable inputs
• Dual output enable inputs facilitates 1-to-16 or 1-to-8 input to
output modes
• 3.3V, 2.5V or mixed 3.3V, 2.5V from 0°C to 70°C ambient
operating temperature
• 32 lead low-profile QFP(LQFP), 7mm x 7mm x 1.4mm
package body, 0.8mm package lead pitch
HiPerClockS™
,&6
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD2
VDD2
VDD2
Q12
Q11
GND
GND
GND
VDD1
VDD1
VDD1
Q3
Q4
GND
GND
GND
ICS8343
32-Lead LQFP
(Top View)


Similar Part No. - ICS8343

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343AY-01 ICST-ICS8343AY-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343AY-01LF ICST-ICS8343AY-01LF Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343AY-01LFT ICST-ICS8343AY-01LFT Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343AY-01T ICST-ICS8343AY-01T Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
More results

Similar Description - ICS8343

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
LOW SKEW 1-TO-16 FANOUT BUFFER
REV. B MARCH 8, 2001
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com