Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701I Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8701I
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701I Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8701I Datasheet HTML 1Page - Integrated Circuit Systems ICS8701I Datasheet HTML 2Page - Integrated Circuit Systems ICS8701I Datasheet HTML 3Page - Integrated Circuit Systems ICS8701I Datasheet HTML 4Page - Integrated Circuit Systems ICS8701I Datasheet HTML 5Page - Integrated Circuit Systems ICS8701I Datasheet HTML 6Page - Integrated Circuit Systems ICS8701I Datasheet HTML 7Page - Integrated Circuit Systems ICS8701I Datasheet HTML 8Page - Integrated Circuit Systems ICS8701I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
8701I
www.icst.com/products/hiperclocks.html
REV. A MARCH 16, 2001
4
Integrated
Circuit
Systems, Inc.
ICS8701I
LOW SKEW
¸1, ¸2
CLOCK GENERATOR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
4.6V
Inputs
-0.5V to VDD + 0.5V
Outputs
-0.5V to VDDO + 0.5V
Ambient Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of product at these condition or any conditions beyond
those listed in the
DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDDI=VDDO=3.3V±5%, TA=-40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
V
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
,
1
N
E
_
K
N
A
B
V
5
6
4
.
3
=
I
D
D
V2
8
.
3V
K
L
C
_
S
O
M
C
V
LV
5
6
4
.
3
=
I
D
D
V2
8
.
3V
L
I
V
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
,
1
N
E
_
K
N
A
B
V
5
6
4
.
3
=
I
D
D
V3
.
0
-8
.
0V
K
L
C
_
S
O
M
C
V
LV
5
6
4
.
3
=
I
D
D
V3
.
0
-3
.
1V
H
I
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
,
1
N
E
_
K
N
A
B
V
5
6
4
.
3
=
N
I
V
=
I
D
D
V5
A
µ
K
L
C
_
S
O
M
C
V
LV
5
6
4
.
3
=
N
I
V
=
I
D
D
V0
5
1A
µ
L
I
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
,
1
N
E
_
K
N
A
B
V
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V0
5
1
-A
µ
K
L
C
_
S
O
M
C
V
LV
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V5
-A
µ
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
5
3
1
.
3
=
O
D
D
V
=
I
D
D
V
A
m
6
3
-
=
H
O
I
6
.
2V
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
5
3
1
.
3
=
O
D
D
V
=
I
D
D
V
A
m
6
3
=
L
O
I
5
.
0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
3
1
.
33
.
35
6
4
.
3V
O
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
V
5
6
4
.
3
=
H
I
V
=
I
D
D
V
V
0
=
L
I
V
0
0
1A
m
TABLE 4B. LVCMOS DC CHARACTERISTICS, VDDI=VDDO=3.3V±5%, TA=-40°C TO 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com