Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8701I
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS8701I Datasheet HTML 3Page - Integrated Circuit Systems ICS8701I Datasheet HTML 4Page - Integrated Circuit Systems ICS8701I Datasheet HTML 5Page - Integrated Circuit Systems ICS8701I Datasheet HTML 6Page - Integrated Circuit Systems ICS8701I Datasheet HTML 7Page - Integrated Circuit Systems ICS8701I Datasheet HTML 8Page - Integrated Circuit Systems ICS8701I Datasheet HTML 9Page - Integrated Circuit Systems ICS8701I Datasheet HTML 10Page - Integrated Circuit Systems ICS8701I Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
8701I
www.icst.com/products/hiperclocks.html
REV. A MARCH 16, 2001
7
Integrated
Circuit
Systems, Inc.
ICS8701I
LOW SKEW
¸1, ¸2
CLOCK GENERATOR
TABLE 5B. AC CHARACTERISTICS, VDDI=3.3V±5%, VDDO=2.5V±5%, TA=-40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
X
A
M
fy
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
0
5
2z
H
M
H
L
p
t
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
h
g
i
H
-
o
t
-
w
o
L
Z
H
M
0
£ f £
z
H
M
0
0
24
.
27
.
3s
n
L
H
p
t
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
w
o
L
-
o
t
-
h
g
i
H
Z
H
M
0
£ f £
z
H
M
0
0
24
.
27
.
3s
n
)
b
(
k
s
t2
E
T
O
N
;
w
e
k
S
k
n
a
B2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M5
2
2s
p
)
o
(
k
s
t3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M0
5
2s
p
(
k
s
tw)
;
w
e
k
S
y
c
n
e
u
q
e
r
F
e
l
p
i
t
l
u
M
4
E
T
O
N
2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M0
0
3s
p
)
p
p
(
k
s
t5
E
T
O
N
;
w
e
k
S
t
r
a
P
o
t
t
r
a
P2
/
O
D
D
V
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M0
5
6s
p
R
t6
E
T
O
N
;
e
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
7
o
t
%
0
30
0
20
0
9s
p
F
t6
E
T
O
N
;
e
m
i
T
ll
a
F
t
u
p
t
u
O%
0
7
o
t
%
0
30
0
20
0
9s
p
W
P
th
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
Z
H
M
0
£ f £
z
H
M
0
0
2
2
/
E
L
C
Y
C
t
6
.
0
-
2
/
E
L
C
Y
C
t
2
/
E
L
C
Y
C
t
6
.
0
+
s
n
z
H
M
0
0
2
=
f9
.
15
.
21
.
3s
n
N
E
t
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
6
E
T
O
N
z
H
M
0
1
=
f6
s
n
S
I
D
t
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
6
E
T
O
N
z
H
M
0
1
=
f6
s
n
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
o
ll
A
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
0
0
2
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
:
1
E
T
O
N
W
.
2
/
O
D
D
V
o
t
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
h
t
i
w
y
c
n
e
u
q
e
r
f
t
n
e
r
e
f
f
i
d
t
a
g
n
i
t
a
r
e
p
o
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
d
n
a
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
t
n
e
r
e
f
f
i
d
t
a
w
e
k
s
e
h
t
s
a
d
e
n
i
f
e
D
:
5
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
6
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com