Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701I Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8701I
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701I Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8701I Datasheet HTML 5Page - Integrated Circuit Systems ICS8701I Datasheet HTML 6Page - Integrated Circuit Systems ICS8701I Datasheet HTML 7Page - Integrated Circuit Systems ICS8701I Datasheet HTML 8Page - Integrated Circuit Systems ICS8701I Datasheet HTML 9Page - Integrated Circuit Systems ICS8701I Datasheet HTML 10Page - Integrated Circuit Systems ICS8701I Datasheet HTML 11Page - Integrated Circuit Systems ICS8701I Datasheet HTML 12Page - Integrated Circuit Systems ICS8701I Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8701I
www.icst.com/products/hiperclocks.html
REV. A MARCH 16, 2001
10
Integrated
Circuit
Systems, Inc.
ICS8701I
LOW SKEW
¸1, ¸2
CLOCK GENERATOR
FIGURE 3A, 3B - SKEW DEFINITIONS & WAVEFORMS
Bank Skew - Skew between outputs within a bank. Outputs operating at the same temperature, supply voltages and with
equal load conditions.
Output Skew - Skew between outputs of any bank. Outputs operating at the same temperature, supply voltages and with
equal load conditions.
CLK
Qx0
Qx4
tsk(b)
tsk(b)
FIGURE 3A - BANK SKEW
fin = 200MHz, Vamp = 3.3V, tr = tf = 200ps
VDDO/2
VDDO/2
VDDO/2
VDDO/2
CLK
QA0 - QA4
QB0 - QB4
QC0 - QC4
QD0 - QD4
tsk(o)
tsk(o)
FIGURE 3B - OUTPUT SKEW
fin = 200MHz, Vamp = 3.3V, tr = tf = 200ps
VDDO/2
VDDO/2
VDDO/2
VDDO/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com