Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8701I
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8701I Datasheet HTML 1Page - Integrated Circuit Systems ICS8701I Datasheet HTML 2Page - Integrated Circuit Systems ICS8701I Datasheet HTML 3Page - Integrated Circuit Systems ICS8701I Datasheet HTML 4Page - Integrated Circuit Systems ICS8701I Datasheet HTML 5Page - Integrated Circuit Systems ICS8701I Datasheet HTML 6Page - Integrated Circuit Systems ICS8701I Datasheet HTML 7Page - Integrated Circuit Systems ICS8701I Datasheet HTML 8Page - Integrated Circuit Systems ICS8701I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8701I
www.icst.com/products/hiperclocks.html
REV. A MARCH 16, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8701I
LOW SKEW
¸1, ¸2
CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS8701I is a low skew, ÷1, ÷2 Clock Gen-
erator and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The low impedance LVCMOS out-
puts are designed to drive 50
W series or par-
allel terminated transmission lines. The effective fanout can
be increased from 20 to 40 by utilizing the ability of the
outputs to drive two series terminated lines.
The divide select inputs, DIV_SELx, control the output fre-
quency of each bank. The outputs can be utilized in the ÷1,
÷2 or a combination of ÷1 and ÷2 modes. The bank enable
inputs, BANK_EN0:1, support enabling and disabling each
bank of outputs individually. The master reset input, nMR/
OE, resets the internal frequency dividers and also con-
trols the active and high impedance states of all outputs.
The ICS8701I is characterized at 3.3V and mixed 3.3V in-
put supply, and 2.5V output supply operating modes. Guar-
anteed bank, output and part-to-part skew characteristics
make the ICS8701I ideal for those clock distribution appli-
cations demanding well defined performance and repeat-
ability.
FEATURES
• 20 LVCMOS outputs, 7
W typical output impedance
• Output frequency up to 250MHz
• 200ps bank skew, 250ps output skew, 300ps multiple
frequency skew, 600ps part-to-part skew
• LVCMOS / LVTTL clock input
• LVCMOS control inputs
• Bank enable logic allows unused banks to be disabled
in reduced fanout applications
• 3.3V or mixed 3.3V input, 2.5V output operating
supply modes
• 48 lead low-profile QFP (LQFP), 7mm x 7mm x 1.4mm
package body, 0.5mm package lead pitch
• -40°C to 85°C ambient operating temperature
• Other divide values available on request
BLOCK DIAGRAM
PIN ASSIGNMENT
DIV_SELA
DIV_SELB
DIV_SELC
DIV_SELD
nMR/OE
BANK_EN0
BANK_EN1
QAO - QA4
QB0 - QB4
QC0 - QC4
QD0 - QD4
LVCMOS_CLK
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23
24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
QC3
VDDO
QC4
QD0
VDDO
QD1
GND
QD2
GND
QD3
VDDO
QD4
QB1
VDDO
QB0
QA4
VDDO
QA3
GND
QA2
GND
QA1
VDDO
QA0
48-Pin LQFP
Y Package
Top View
ICS8701I
HiPerClockS™
,&6
1
0
¸1
¸2
1
0
1
0
1
0
Bank Enable
Logic


Similar Part No. - ICS8701I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701-01Y ICST-ICS8701-01Y Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701-01YT ICST-ICS8701-01YT Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
logo
Renesas Technology Corp
ICS87016AYILF RENESAS-ICS87016AYILF Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
More results

Similar Description - ICS8701I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
(첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
(첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com