Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8702BY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8702BY
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8702BY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8702BY Datasheet HTML 1Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 2Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 3Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 4Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 5Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 6Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 7Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 8Page - Integrated Circuit Systems ICS8702BY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
8702
www.icst.com
REV. A - AUGUST 7, 2000
1
ICS8702
LOW SKEW ¸1, ¸2
CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS8702 is a very low skew, ÷1, ÷2 Clock
Generator and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The ICS8702 is designed to trans-
late any differential signal levels to LVCMOS lev-
els. True or inverting, single-ended to LVCMOS translation
can be achieved with a resistor bias on the nCLK or CLK
inputs, respectively. The effective fanout can be increased
from 20 to 40 by utilizing the ability of the outputs to drive two
series terminated lines.
The divide select inputs, DIV_SELx, control the output fre-
quency of each bank. The outputs can be utilized in the ÷1,
÷2 or a combination of ÷1 and ÷2 modes. The bank enable
inputs, BANK_EN0:1, supports enabling and disabling each
bank of outputs individually. The master reset input, nMR/OE,
resets the internal frequency dividers and also controls the
enabling and disabling of all outputs simultaneously.
The ICS8702 is characterized at 3.3V and mixed 3.3V input
supply, and 2.5V output supply operating modes. Guaranteed
bank, output, multiple frequency and part-to-part skew char-
acteristics make the ICS8702 ideal for those clock distribu-
tion applications demanding well defined performance and
repeatability.
FEATURES
• 20 LVCMOS outputs, 7Ω typical output impedance
• Output frequency up to 250 MHz
• 150ps bank skew, 200ps output, 250ps multiple frequency
skew, 650ps part-to-part skew
• Translates any differential input signal (PECL, HSTL, LVDS)
to LVCMOS levels without external bias networks
• Translates any single-ended input signal to LVCMOS levels
with a resistor bias on nCLK input
• Translates any single-ended input signal to inverted LVCMOS
levels with a resistor bias on CLK input
• LVCMOS / LVTTL control inputs
• Bank enable logic allows unused banks to be disabled
in reduced fanout applications
• 3.3V or mixed 3.3V input, 2.5V output operating
supply modes
• 48 lead low-profile QFP (LQFP), 7mm x 7mm x 1.4mm
package body, 0.5mm package lead pitch
• 0°C to 70°C ambient operating temperature
• Other divide values available on request
BLOCK DIAGRAM
PIN ASSIGNMENT
÷1
÷2
1
0
1
0
1
0
Bank Enable
Logic
1
0
÷1
÷2
1
0
1
0
1
0
Bank Enable
Logic
1
0
DIV_SELA
DIV_SELB
DIV_SELC
DIV_SELD
nMR/OE
BANK_EN0
BANK_EN1
QAO - QA4
QB0 - QB4
QC0 - QC4
QD0 - QD4
CLK
nCLK
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
QC3
VDDO
QC4
QD0
VDDO
QD1
GND
QD2
GND
QD3
VDDO
QD4
QB1
VDDO
QB0
QA4
VDD0
QA3
GND
QA2
GND
QA1
VDDO
QA0
48-Lead LQFP
Y Package
Top View
ICS8702
HiPerClockS™
,&6


Similar Part No. - ICS8702BY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87001-01 IDT-ICS87001-01 Datasheet
717Kb / 12P
LVCMOS/LVTTL CLOCK DIVIDER
logo
Renesas Technology Corp
ICS87001-01 RENESAS-ICS87001-01 Datasheet
525Kb / 14P
LVCMOS/LVTTL Clock Divider
JULY 2, 2013
logo
Integrated Device Techn...
ICS87001I-01 IDT-ICS87001I-01 Datasheet
384Kb / 14P
Maximum output frequency
logo
Renesas Technology Corp
ICS87001I-01 RENESAS-ICS87001I-01 Datasheet
579Kb / 15P
LVCMOS/LVTTL Clock Divider
JANUARY 23, 2013
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
Third generation FemtoClock
More results

Similar Description - ICS8702BY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A MARCH 16, 2001
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
(첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
(첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com