Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8201FTK Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HTMS8201FTK
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8201FTK Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HTMS8201FTK Datasheet HTML 12Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 13Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 14Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 15Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 16Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 17Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 18Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 19Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
16 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
11.2 Mode switching protocol
After powering the HITAG µ transponder IC switches to the data exchange mode after
receiving one of the two possible switch commands from the RWD during the specified
switch window (see Table 9 and Figure 4 for details).
[1]
TC...Carrier period time (kHz = 7.45 s nominal)
Fig 4.
Switching window timing
Table 9.
HITAG µ transponder IC air interface parameters [1]
Parameter
Description
Interrogation field modulation
Amplitude modulation (ASK), 90 - 100%
Encoding
Pulse Interval Encoding; Least Significant Bit (LSB) first
Bit rate
5.2 kbit/s typically
Mode switching
Either a specific 5 bit switch command or the detection of the
SOF as part of a valid
HITAG µ transponder IC command,
transmitted after the interruption of the interrogation field for at
least 5 ms
Mode switch timing
HITAG µ transponder IC settling time: 312.5  TC switch
command window after
HITAG µ transponder IC settling:
232.5
 T
C
All within cycle C in Figure 3.
Mode switch command
00011 or SOF sequence
001aak278
312.5
× Tc
232
× Tc
TTF operation in case
of no command
during switching window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com