Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8201FTK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HTMS8201FTK
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8201FTK Datasheet(HTML) 2 Page - NXP Semiconductors

  HTMS8201FTK Datasheet HTML 1Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 2Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 3Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 4Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 5Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 6Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 7Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 8Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
2 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
1.1.3 Beer keg and gas cylinder logistic
• Recognizing a complete pallet of gas cylinders at one time
• Long writing distance
• Voluntarily change between TTF Mode with user defined data length and read/write
modes without changing the configuration on the transponder
• Authenticity check at the beer pubs - between beer bumper and supplied beer keg,
provides a safe protection of the beer brand
1.1.4 Brand protection
• Authenticity check for high level brands or for original refilling e.g. toner for fax
machines.
1.2 Customer application support and training
Within the dedicated CAS team within the BU Identification.
Accompanying data sheets and application notes:
http://www.nxp.com/products/identification/HITAG
2.
Features and benefits
2.1 Features
Integrated circuit for contactless identification transponders and cards
Integrated resonance capacitor of 210 pF with
3 % tolerance or 280 pF with 5 %
tolerance over full production
Frequency range 100 kHz to 150 kHz
2.2 Protocol
Modulation read/write device
 transponder: 100 % ASK and binary pulse length
coding
Modulation transponder
 read/write device: Strong ASK modulation with
anti-collision, Manchester and Biphase coding
Fast anti-collision protocol
Cyclic Redundancy Check (CRC)
Transponder Talks First (TTF) mode
Temporary switch from Transponder Talks First into Reader Talks First (RTF) Mode
Data rate read/write device to transponder: 5.2 kbit/s
Data rates transponder to read/write device: 2 kbit/s, 4 kbit/s, 8 kbit/s
2.3 Memory
Different memory options
Up to 10000 erase/write cycles
10 years non-volatile data retention
Memory Lock functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com