Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8201FTK Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HTMS8201FTK
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8201FTK Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HTMS8201FTK Datasheet HTML 19Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 20Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 21Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 22Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 23Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 24Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 25Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 26Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
23 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
12. General protocol timing specification
For requests where an EEPROM erase and/or programming operation is required, the
transponder IC returns its response when it has completed the write/lock operation. This
will be after 20 ms upon detection of the last falling edge of the interrogator request or
after the interrogator has switched off the field.
12.1 Waiting time before transmitting a response after an EOF from the
RWD
When the HITAG advanced/advanced+ in data exchange mode has detected an EOF of a
valid RWD request or when this EOF is in the normal sequence of a valid RWD request, it
waits for TFp1 before starting to transmit its response to a RWD request or when switching
to the next slot in an inventory process.
TFp1 starts from the detection of the falling edge of the EOF received from the RWD.
Remark: The synchronization on the falling edge from the RWD to the EOF of the HITAG
µ transponder ICs is necessary to ensure the required synchronization of the HITAG µ
transponder IC responses.
The minimum value of TFp1 is TFp1min = 204  TC
The typical value of TFp1 is TFp1typ = 209  TC
The maximum value of TFp1 is TFp1max = 213  TC
If the HITAG µ transponder IC detects a carrier modulation during this time (TFp1), it shall
reset its TFp1-timer and wait for a further time (TFp1) before starting to transmit its
response to a RWD request or to switch to the next slot when in an inventory process.
Fig 13. General protocol timing diagram
001aaj833
carrier on
request
response
request (or EOF)
carrier off
load off
load on
HITAG
μ
transceiver
TNRT
TFp1
TFp2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com