Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8201FTK Datasheet(PDF) 24 Page - NXP Semiconductors

Part # HTMS8201FTK
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8201FTK Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button HTMS8201FTK Datasheet HTML 20Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 21Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 22Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 23Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 24Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 25Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 26Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 27Page - NXP Semiconductors HTMS8201FTK Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
24 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
12.2 RWD waiting time before sending a subsequent request
• When the RWD has received a HITAG µ advanced/advanced+ response to a previous
request other than inventory and quiet, it needs to wait TFp2 before sending a
subsequent request. TFp2 starts from the time the last bit has been received from the
HITAG µ advanced/advanced+.
• When the RWD has sent a quiet request, it needs to wait TFp2 before sending a
subsequent request. TFp2 starts from the end of the quiet request's EOF (falling edge
of EOF pulse + 42
 T
C). This results in awaiting time of (150  TC + 42  TC) before
the next request.
The minimum value of TFp2 is TFp2min = 150  TC ensures that the HITAG µ
advanced/advanced+
ICs are ready to receive a subsequent request.
Remark: The RWD needs to wait at least 2.33 ms after it has activated the
electromagnetic field before sending the first request, to ensure that the HITAG µ
transponder ICs are ready to receive a request.
• When the RWD has sent an inventory request, it is in an inventory process.
12.3 RWD waiting time before switching to next inventory slot
An inventory process is started when the RWD sends an inventory request. For a detailed
explanation of the inventory process refer to Section 14.3 and Section 14.4.
To switch to the next slot, the RWD sends an EOF after waiting a time period specified in
the following sub-clauses.
12.3.1 RWD started to receive one or more HITAG µ transponder IC responses
During an inventory process, when the RWD has started to receive one or more HITAG µ
advanced/advanced+ transponder IC responses (i.e. it has detected a HITAG µ
advanced/advanced+ transponder IC SOF and/or a collision), it shall
• wait for the complete reception of the HITAG µ advanced/advanced+ transponder IC
responses (i.e. when a last bit has been received or when the nominal response time
TNRT has elapsed),
• wait an additional time TFp2 and then send an EOF to switch to the next slot, if a 16
slot anticollision request is processed, or send a subsequent request (which could be
again an inventory request).
TFp2 starts from the time the last bit has been received from the HITAG µ
advanced/advanced+ transponder IC.
The minimum value of TFp2 is TFp2min = 150  TC.
TNRT is dependant on the anticollisions current mask value and on the setting of the CRCT
flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com