Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-40 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9169CF-40
Description  System Clock Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-40 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9169CF-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ICS169C-40
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 9
VDD
PWR
Power supply
2
REF
OUT
Buffered output reference. 3.3V
3, 5, 18, 26, 32
GND
PWR
Digital Ground.
4
N/C
-
Not connected.
6, 7, 8, 10, 11, 12
PCI (1:6)
OUT
Clock outputs - controlled by 3.3V VDD
13, 19, 20
FS (0:2)
IN
Frequency select inputs, these inputs have internal pull-ups.
14
PD#
IN
Input for tristate. If PD# = 0, then all outputs are tristated and
the device is in shutdown mode (VCO’s off, crystal oscillator
is off and all logic is reset) When PD# = 1, the device is in
normal operating mode. Has internal pull-up
15
AGND
PWR
Analog Ground
16
N/C
-
Not connected
17
AVDD
PWR
Analog Power Supply
21
VDDL1
PWR
3.3/2.5V Power Supply for CPU (1:4)
22, 23, 24, 25, 27, 28, 29, 30
CPU (1:8)
OUT
Clock outputs.
31
VDDL2
PWR
3.3/2.5V Power Supply for CPU (5:8)
33
X2
OUT
Reference oscillator
34
X1
IN
Reference oscillator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com