Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-40 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9169CF-40
Description  System Clock Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-40 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9169CF-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9169C-40
Block Diagram
System Clock Chip
9169C-40RevA072897P
Pin Configuration
34-Pin SSOP
Functionality
3.3V±10%,0-70°C
Crystal (X1, X2) = 14.31818 MHz
Pentium is a trademark on Intel Corporation.
•
8 selectable CPU clocks up to 75MHz
•
Six synchronous PCI clocks
•
One Referance Clock at 14.318MHz
•
Power-up stabilization time = 2ms on all CPU and PCI
clocks, which meets Intel PentiumPro power-up
•
Low CPU and PCI clock jitter <500ps
•
Low skew output
•
Improved output drivers are designed for low EMI
•
Test Mode
•
Optional common or mixed supply mode:
(VDD=VDDL1=VDDL2=3.3V)
(VDD=3.3V,VDDL1=VDDL2=2.5)
(VDD=3.3V,VDDL1=3.3V,VDDL2=2.5V)
•
Space saving and low cost 34-pin SSOP package
The ICS9169C-40 is a Clock Synthesizer chip for Pentium or
Cyrix CPU based motherboards using PCI.
Features include eight CPU clocks and six PCI clocks. A
Reference Output is available equal to the crystal frequency.
The device meets the Pentium power-up stabilization, which
requires that CPU and PCI clocks be stable within 2ms after
power-up.
The ICS9169C-40 clock output are designed for low EMI
emissions. Controlled rise and fall times, unique output
driver circuits and innovative circuit layout techniques enable
the ICS9169C-40 to have lower EMI than other clock
devices.
The ICS9169C-40 accepts a 14.318MHz reference crystal or
clock as its input and runs from a 3.3V supply.
FS2
FS1
FS0
CPU
PCI
0
0
0
50MHz
33.3MHz
0
0
1
55MHz
36.67MHz
0
1
0
REF/2
REF/4
0
1
1
75MHz
37.5MHz
1
0
0
50MHz
25MHz
1
0
1
55MHz
27.6MHz
1
1
0
60MHz
30MHz
1
1
1
66.6MHz
33.3MHz
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9169CF-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169CF-41 ICST-ICS9169CF-41 Datasheet
152Kb / 7P
Frequency Generator for PentiumPro??Based Systems
Rev D 5/02/00
More results

Similar Description - ICS9169CF-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
AMD-K7TM System Clock Chip
Rev C 01/08/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950401 ICST-ICS950401 Datasheet
108Kb / 14P
AMD - K8TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com