Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-40 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9169CF-40
Description  System Clock Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-40 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9169CF-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ICS169C-40
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.7V, TA = 0 –70
° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time1
Tr1
15pF load, 0.4 to 2.0V; VDD=VDDL
for All Outputs
-0.9
1.4
ns
Fall Time1
Tf1
15pF load, 2.0 to 0.4V; VDD=VDDL
for All Outputs
-
0.8
1.2
ns
Rise Time1
Tr2
15pF load, 0.4 to 2.0V; VDDL=2.5V &
VDD = 2.3V; CPU
-1.5
2.0
ns
Fall Time1
Tf2
15pF load, 2.0 to 0.4V; VDDL=2.5V &
VDD = 3.3V; CPU
-
1.4
2.0
ns
Duty Cycle1
Dt
15pF load CPU, PCI, REF @
VOUT=1.5V
45
50
55
%
Duty Cycle1
Dt
15pF load; VDDL (1:2)=2.5V
VTH=1.25V
45
49
55
%
Jitter, One Sigma1
Tj1s1
CPU & PCI Clocks; Load=15pF,
VDD=VDDL
-
50
150
ps
Jitter, Absolute1
Tjab1
CPU & PCI Clocks; Load=15pF,
VDD=VDDL
-220
-
220
ps
Jitter, One Sigma1
Tj1s2
Ref; Load=15pF
-
200
300
ps
Jitter, Absolute1
Tjab2
Ref Load=15pF
-500
-
500
ps
Jitter, Cycle to Cycle
(for CPU only)
TCC
VDD=VDDL; @ 60MHz
-400
-
+400
ps
VDD=VDDL; @ 66MHz
-350
-
350
ps
VDD=VDDL; @ 75MHz
-250
-
250
ps
VDD=3.3V; VDDL=2.5;
for All Frequencies
400
-
400
ps
Input Frequency1
Fi
12.0
14.318
16.0
MHz
Logic Input Capacitance1
CIN
Logic input pins
-
5
-
pF
Crystal Oscillator
Capacitance1
CINX
X1, X2 pins
-
18
-
pF
Power-on Time1
ton
From VDD=1.6V to 1st crossing of 66.6
MHz VDD supply ramp < 40ms
-2.5
4.5
ms
Frequency Settling Time1
ts
From 1st crossing of acquisition to <
1% settling
-1.8
2.0
ms
Clock Skew Window1
Tsk1
CPU to CPU & PCI to PCI; Load=15pF;
@1.5V
-250
14.5
250
ps
Clock Skew1
Tsk2
CPU to PCI; Load=15pF; @1.5V;
VDD=VDDL; CPU is early
1.0
2.0
4.0
ns
Clock Skew1
Tsk3
CPU to PCI; Load=15pF; (CPU is early)
VDDL=2.5V, VTH=1.25V;
VDD=3.3V, VTH=1.5V
0.50
1.5
3.0
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com