Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-40 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9169CF-40
Description  System Clock Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-40 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9169CF-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CF-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ICS169C-40
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
SupplyVoltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient OperatingTemperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
VDD = 3.0 – 3.7V, TA = 0 –70
°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN=0V
-50.0
25.0
50
µA
Input High Current
IIH
VIN=VDD
-5.0
-
5.0
µA
Output Low Voltage1
VOL
IOL=12mA; for CPU, PCI
-
0.3
0.4
V
Output High Voltage1
VOH
IOH=-12mA; for CPU, PCI
2.4
2.8
-
V
Output Low Voltage1
VOL
IOL=7.5mA; for Ref CLK
-
0.3
0.4
V
Output High Voltage1
VOH
IOH=-15mA; for Ref CLK
2.4
2.8
-
V
Output Low Voltage1
VOL
IOL=7.5mA: CPU only;
VDDL (1:2) = 2.5V
-0.3
0.4
V
Output High Voltage1
VOH
IOH=-13mA; CPU only;
VDDL (1:2) = 2.5V
2.0
2.2
-
V
Supply Current
IDD
@66.6 MHz; all outputs unloaded
-
35
65
mA
Power Down Current
IDD(PD)
PD#=0
All Logic Inputs to VDD
-244
500
µA
Other
All Logic Inputs to GND
-371
700
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com