Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-56 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-56
Description  Frequency Timing Generator for Pentium II Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-56 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-56 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9248-56
Pin Descriptions
Pin number
Pin name
Type
Description
1
GNDREF
Power
Ground for 14.318 MHz reference clock outputs
2
X1
Input
14.318 MHz crystal input
3
X2
Output
14.318 MHz crystal output
4
PCICLK_F
Output
3.3 V free running PCI clock output, will not be stopped by the PCI_STOP#
5,6,9,10,11
PCICLK (1:5)
Output
3.3 V PCI clock outputs, generating timing requirements for Pentium II

7
GNDPCI
Power
Ground for PCI clock outputs
8
VDDPCI
Power
3.3 V power for the PCI clock outputs
12
VDD48
Power
3.3 V power for 48/24 MHz clocks
13
48 MHz
Output
3.3 V 48 MHz clock output, fixed frequency clock typically used with USB devices
14
TS#/48/24MHz
Output
3.3 V 48 or 24 MHz output and Tri-state option, active low = tri state mode for testing,
active high = normal operation
15
GND48
Power
Ground for 48/24 MHz clocks
16
SEL 100/66#
Input
control for the frequency of clocks at the CPU & PCICLK output pins. If logic "0" is
used the 66.6 MHz frequency is selected. If Logic "1" is used, the 100 MHz
frequency is selected. The PCI clock is multiplexed to run at 33.3 MHz for both
selected cases.
17
PD#
Input
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 3ms.
18
CPU_STOP#
Input
Asynchronous active low input pin used to stop the CPUCLK in active low state, all
other clocks will continue to run. The CPUCLK will have a "Turnon " latency of at
least 3 CPU clocks.
19
VDD
Power
Isolated 3.3 V power for core
20
PCI-Stop#
Input
Synchronous active low input used to stop the PCICLK in active low state. It will not
effect PCICLK_F or any other outputs.
21
GND
Power
Isolated ground for core
22
GNDL
Power
Ground for CPU clock outputs
23,24
CPUCLK(1:0)
Output
2.5 V CPU clock outputs
25
VDDL
Power
2.5 V power for CPU clock outputs
26
SPREAD#
Output
Power-on spread spectrum enable option. Active low = spread spectrum clocking
enable. Active high = spread spectrum clocking disable.
27
REF0/SEL48#
Output
3.3 V 14.318 MHz reference clock output and power-on 48/24 MHz select option.
Active low = 48 MHz output at pin 14. Active high = 24 MHz output at pin 14.
28
VDDREF
Power
3.3 V power for 14.318 MHz reference clock outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com