Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-56 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-56
Description  Frequency Timing Generator for Pentium II Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-56 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-56 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248-56
Block Diagram
Frequency Timing Generator for Pentium II Systems
9248-56 Rev E 12/27/00
Pin Configuration
28 pin SSOP and TSSOP
Pentium is a trademark on Intel Corporation.
•
Generates the following system clocks:
- 2CPU(2.5V) up to 100MHz.
- 6 PCI(3.3V) @ 33.3MHz (Includes one free running).
- 1 REF clks (3.3V) at 14.318MHz.
- 1 Fixed clock at 48MHz
- 1 Fixed clock at 48 or 24MHz
•
Skew characteristics:
- CPU – CPU<175ps
- PCI – PCI < 500ps
- CPU(early) – PCI = 1.5ns – 4ns.
•
Supports Spread Spectrum modulation for CPU and PCI
clocks, 0.5% down spread
•
Efficient Power management scheme through stop clocks
and power down modes.
•
Uses external 14.318MHz crystal, no external load cap
required for CL=18pF crystal.
•
28 pin 209mil SSOP and 173mil TSSOP
The ICS9248-56 is the Main clock solution for Notebook
designs using the Intel 440BX style chipset. Along with an
SDRAM buffer such as the ICS9179-03, it provides all
necessary clock signals for such a system.
Spread spectrum may be enabled by driving pin 26, SPREAD#
active (Low) at power-on. Spread spectrum typically reduces
system EMI by 8dB to 10dB. This simplifies EMI qualification
without resorting to board design iterations or costly shielding.
The ICS9248-56 employs a proprietary closed loop design,
which tightly controls the percentage of spreading over
process and temperature variations.
Power Groups
VDD, GND = PLL core
VDDREF,GNDREF=REF(0:1),X1,X2
VDDPCI, GNDPCI = PCICLK_F, PCICLK (0:4)
VDD48, GND48 = 48MHz, 48/24MHz
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-56

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-50 ICST-ICS9248-50 Datasheet
261Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-50 ICST-ICS9248-50 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
Pentium/Pro/IITM System Clock Chip
Rev B 12/04/98
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
Pentium/Pro/IITM System Clock Chip
12/04/98
More results

Similar Description - ICS9248-56

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com