Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-56 Datasheet (PDF) - Integrated Circuit Systems

ICS9248-56 Datasheet PDF - Integrated Circuit Systems
Part # ICS9248-56
Download  ICS9248-56 Download
File Size   263.63 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for Pentium II Systems

ICS9248-56 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-56 Datasheet PDF - Integrated Circuit Systems

Part # ICS9248-56
Download  ICS9248-56 Click to download

File Size   263.63 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for Pentium II Systems

ICS9248-56 Datasheet (HTML) - Integrated Circuit Systems


ICS9248-56 Product details

General Description
The ICS9248-56 is the Main clock solution for Notebook designs using the Intel 440BX style chipset. Along with an SDRAM buffer such as the ICS9179-03, it provides all necessary clock signals for such a system.

Features
• Generates the following system clocks:
   - 2CPU(2.5V) up to 100MHz.
   - 6 PCI(3.3V) @ 33.3MHz (Includes one free running).
   - 1 REF clks (3.3V) at 14.318MHz.
   - 1 Fixed clock at 48MHz
   - 1 Fixed clock at 48 or 24MHz
• Skew characteristics:
   - CPU – CPU<175ps
   - PCI – PCI < 500ps
   - CPU(early) – PCI = 1.5ns – 4ns.
• Supports Spread Spectrum modulation for CPU and PCI clocks, 0.5% down spread
• Efficient Power management scheme through stop clocks and power down modes.
• Uses external 14.318MHz crystal, no external load cap required for CL=18pF crystal.
• 28 pin 209mil SSOP and 173mil TSSOP




Similar Part No. - ICS9248-56

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-50 ICST-ICS9248-50 Datasheet
261Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-50 ICST-ICS9248-50 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
Pentium/Pro/IITM System Clock Chip
Rev B 12/04/98
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
Pentium/Pro/IITM System Clock Chip
12/04/98
More results


Similar Description - ICS9248-56

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com