Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-56 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248-56
Description  Frequency Timing Generator for Pentium II Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-56 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248-56 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-56 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ICS9248-56
Electrical Characteristics - REF/48MHz/24MHz
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.6
3.1
V
Output Low Voltage
VOL5
IOL = 9 mA
0.17
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-44
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
42
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.4
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.1
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
53
55
%
tj1σ5
VT = 1.5 V, REF
185
250
ps
tjabs5
VT = 1.5 V, REF
385
800
ps
tj1σ5
VT = 1.5 V, 48 MHz
169
250
ps
tjabs5
VT = 1.5 V, 48 MHz
469
800
ps
Jitter
1
Jitter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com