Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # SC50
Description  Electronic Digital Scale
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SC50 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  SC50 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
SC50 Electronic
Digital Scale
Features
•
1.6" color LCD with 0.5" digits provides
Weight and Tare indication
•
110lbs/50kg with 0.01lb (0.01kg) resolution
•
Simple touchscreen Zero and Tare programming
•
Automatic 30 seconds Data Hold
•
Auto Power Off in 30 seconds
•
Overload indicator
•
Complete with CR2032 battery, 9.4" (238mm) strap,
and metal hook
Ordering
SC50................. Electronic Digital Scale
www.extech.com
Specifications subject to change without notice. Copyright © 2013-2015 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 1/6/15
Extech’s portable Electronic Digital Scale makes
it convenient to weigh items that won’t fit on a
flat floor scale, such as your luggage. Battery
operated, easy-to-use, touchscreen color display
and rugged 9.4" (238mm) strap with metal hook
measure up to 110lbs/50kg. Ideal for home, sports,
and industrial use.
UPC Code: 793950470503


Similar Part No. - SC50

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC50 AMPHENOL-SC50 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Kingbright Corporation
SC50-11 KINGBRIGHT-SC50-11 Datasheet
617Kb / 5P
127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11EWA KINGBRIGHT-SC50-11EWA Datasheet
617Kb / 5P
127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11SGWA KINGBRIGHT-SC50-11SGWA Datasheet
617Kb / 5P
127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11SRWA KINGBRIGHT-SC50-11SRWA Datasheet
617Kb / 5P
127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC50

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
151Kb / 10P
Dallastat Electronic Digital Rheostat
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
3V Dallastat Electronic Digital Rheostat
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
ELECTRONIC DIGITAL RHEOSTAT
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
CHIP SCALE DEVICES
Rev. A July 17, 2003
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
Digital PFC Controller for Electronic Ballasts
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
200W CHIP SCALE
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
3V DallastatTM Electronic Digital Rheostat
112099
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com