Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55FB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7133LA55FB
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55FB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7133LA55FB Datasheet HTML 1Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 2Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 3Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 4Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
5
NOTES:
1.
VCC = 5V, TA = +25°C for Typ., and are not production tested. ICCDC = 180mA (typ.)
2.
'X' in part number indicates power rating (SA or LA)
3.
At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/ tRC, and using “AC Test Conditions" of input levels of
GND to 3V.
4.
f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
5.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
DC Electrical Characteristics Operating
Temperature and Supply Voltage Range(2) (VCC = 5.0V ± 10%)
7133X20
7143X20
Com'l Only
7133X25
7143X25
Com'l, Ind
& Military
7133X35
7143X35
Com'l, Ind
& Military
Symbol
Parameter
Test Condition
Version
Typ.(1)
Max.
Typ.(1)
Max.
Typ.(1)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
f = fMAX
(3)
COM'L
S
L
250
230
310
280
250
230
300
270
240
210
295
250
mA
MIL &
IND
S
L
____
____
____
____
250
230
330
300
240
220
325
295
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL and CER = VIH
f = fMAX(3)
COM'L
S
L
25
25
80
70
25
25
80
70
25
25
70
60
mA
MIL &
IND
S
L
____
____
____
____
25
25
90
80
25
25
75
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(4)
f=fMAX(3)
Active Port Outputs Disabled
COM'L
S
L
140
120
200
180
140
100
200
170
120
100
180
160
mA
MIL &
IND
S
L
____
____
____
____
140
100
230
190
120
100
200
180
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
4
1.0
0.2
15
4
mA
MIL &
IND
S
L
____
____
____
____
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX
(3)
COM'L
S
L
140
120
190
170
140
120
190
170
120
100
170
150
mA
MIL &
IND
S
L
____
____
____
____
140
120
220
200
120
100
190
170
2746 tbl 07a
7133X45
7143X45
Com'l &
Military
7133X55
7143X55
Com'l, Ind
& Military
7133X70/90
7143X70/90
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.(1)
Max.
Typ.(1)
Max.
Typ.(1)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
f = fMAX(3)
COM'L
S
L
230
210
290
250
230
210
285
250
230
210
280
250
mA
MIL &
IND
S
L
230
210
320
290
230
210
315
285
230
210
310
280
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL and CER = VIH
f = fMAX(3)
COM'L
S
L
25
25
75
65
25
25
70
60
25
25
70
60
mA
MIL &
IND
S
L
25
25
80
70
25
25
80
70
25
25
75
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(4)
f=fMAX
(3)
Active Port Outputs Disabled
COM'L
S
L
120
100
190
170
120
100
180
160
120
100
180
160
mA
MIL &
IND
S
L
120
100
210
190
120
100
210
190
120
100
200
180
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
COM'L
S
L
1.0
0.2
15
4
1.0
0.2
15
4
1.0
0.2
15
4
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
120
100
180
160
120
100
170
150
120
100
170
150
mA
MIL &
IND
S
L
120
100
200
180
120
100
200
180
120
100
190
170
2746 tbl 07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com