Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55FB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7133LA55FB
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55FB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7133LA55FB Datasheet HTML 2Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 3Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 4Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
6
2746 drw 06
DATAOUT
775
Ω
1250
Ω
30pF
5V
DATAOUT
775
Ω
1250
Ω
5pF*
5V
BUSY
270
Ω
30pF
5V
Data Retention Waveform
AC Test Conditions
Data Retention Characteristics
(LA Version Only) VLC = 0.2V, VHC = VCC - 0.2V
NOTES:
1.
Vcc = 2V, TA = +25°C, and are not production tested.
2.
tRC = Read Cycle Time
3.
This parameter is guaranteed by device characterization but is not production tested.
Figure 2. Output Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig
Figure 1. AC Output Test Load
Figure 3.
BUSY Output Load
(IDT7133 only)
7133LA/7143LA
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
___
___
V
ICCDR
Data Retention Current
CE > VHC
VIN > VHC or < VLC
MIL. & IND.
___
100
4000
µA
COM'L.
___
100
1500
tCDR
(3)
Chip Deselect to Data Retention Time
0
___
___
V
tR
(3)
Operation Recovery Time
tRC
(2)
___
___
V
2746 tbl 08
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1, 2 and 3
2746 tbl 09
2746 drw 05
tCDR
tR
CE
VCC
DATA RETENTION MODE
VDR
VDR > 2V
4.5V
4.5V
VIH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com