Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55FB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7133LA55FB
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55FB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7133LA55FB Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 10Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 11Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 12Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
9
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage from the Output Test Load (Figure 2).
2.
This parameter is guaranteed by device characterization but not production tested.
3.
For MASTER/SLAVE combination, tWC = tBAA + tWR + tWP, since R/
W = VIL must occur after tBAA.
4.
The specification for tDH must be met by the device supplying write data to the RAM under all operation conditions. Although tDH and tOW values will very over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
5.
'X' in part number indicates power rating (SA or LA).
Symbol
Parameter
7133X20
7143X20
Com'l Only
7133X25
7143X25
Com'l, Ind
& Military
7133X35
7143X35
Com'l, Ind
& Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time(3)
20
____
25
____
35
____
ns
tEW
Chip Enable to End-of-Write
15
____
20
____
25
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
25
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
25
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
20
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
20
ns
tDH
Data Hold Time
(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
12
____
15
____
20
ns
tOW
Output Active from End-of-Write
(1,2,4)
0
____
0
____
0
____
ns
2746 tbl 11a
Symbol
Parameter
7133X45
7143X45
Com'l &
Military
7133X55
7143X55
Com'l, Ind
& Military
7133X70/90
7143X70/90
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time(3)
45
____
55
____
70/90
____
ns
tEW
Chip Enable to End-of-Write
30
____
40
____
50/50
____
ns
tAW
Address Valid to End-of-Write
30
____
40
____
50/50
____
ns
tAS
Address Set-up Time
0
____
0
____
0/0
____
ns
tWP
Write Pulse Width
30
____
40
____
50/50
____
ns
tWR
Write Recovery Time
0
____
0
____
0/0
____
ns
tDW
Data Valid to End-of-Write
20
____
25
____
30/30
____
ns
tHZ
Output High-Z Time(1,2)
____
20
____
20
____
25/25
ns
tDH
Data Hold Time
(4)
5
____
5
____
5/5
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
20
____
20
____
25/25
ns
tOW
Output Active from End-of-Write
(1,2,4)
5
____
5
____
5/5
____
ns
2746 tbl 11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com