Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55FB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7133LA55FB
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55FB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7133LA55FB Datasheet HTML 3Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 4Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 10Page - Integrated Device Technology IDT7133LA55FB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(3)
NOTES:
1. Transition is measured 0mV fromLow or High-impedance voltage with load (Figure 2).
2.
This parameter is guaranteed by device characterization, but is not production tested.
3.
'X' in part number indicates power rating (SA or LA).
7133X20
7143X20
Com'l Only
7133X25
7143X25
Com'l, Ind
& Military
7133X35
7143X35
Com'l, Ind
& Military
Unit
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
12
____
15
____
20
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time
(1,2)
____
12
____
15
____
20
ns
tPU
Chip Enable to Power Up Time
(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time
(2)
____
20
____
50
____
50
ns
2746 tbl 10a
7133X45
7143X45
Com'l &
Military
7133X55
7143X55
Com'l, Ind
& Military
7133X70/90
7143X70/90
Com'l &
Military
Unit
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
45
____
55
____
70/90
____
ns
tAA
Address Access Time
____
45
____
55
____
70/90
ns
tACE
Chip Enable Access Time
____
45
____
55
____
70/90
ns
tAOE
Output Enable Access Time
____
25
____
30
____
40/40
ns
tOH
Output Hold from Address Change
0
____
0
____
0/0
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
5
____
5/5
____
ns
tHZ
Output High-Z Time
(1,2)
____
20
____
20
____
25/25
ns
tPU
Chip Enable to Power Up Time
(2)
0
____
0
____
0/0
____
ns
tPD
Chip Disable to Power Down Time
(2)
____
50
____
50
____
50/50
ns
2746 tbl 10b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com