Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP560 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP560
Description  POWER EFFICIENT EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP560 Datasheet(HTML) 3 Page - IMP, Inc

  IMP560 Datasheet HTML 1Page - IMP, Inc IMP560 Datasheet HTML 2Page - IMP, Inc IMP560 Datasheet HTML 3Page - IMP, Inc IMP560 Datasheet HTML 4Page - IMP, Inc IMP560 Datasheet HTML 5Page - IMP, Inc IMP560 Datasheet HTML 6Page - IMP, Inc IMP560 Datasheet HTML 7Page - IMP, Inc IMP560 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IMP560
IMP560
© 2000 IMP, Inc.
Electroluminescent Lamp Driver
3
2.0
VIN (V)
100
80
60
40
20
0
VCS, IIN vs. VIN
3.0
4.0
5.0
6.0
650_03.eps
L = 100
µH
VCS
IIN
2.0
VIN (V)
100
80
60
40
20
0
VCS, IIN vs. VIN
3.0
4.0
5.0
6.0
650_06.eps
L = 330
µH
VCS
IIN
2.0
VIN (V)
100
80
60
40
20
0
VCS, IIN vs. VIN
3.0
4.0
5.0
6.0
650_07.eps
L = 560
µH
VCS
IIN
2.0
VIN (V)
100
80
60
40
20
0
VCS, IIN vs. VIN
3.0
4.0
5.0
6.0
650_04.eps
L = 470
µH
VCS
IIN
2.0
VIN (V)
100
80
60
40
20
0
VCS, IIN vs. VIN
3.0
4.0
5.0
6.0
650_05.eps
L = 1mH
VCS
IIN
Typical Characteristics
2.0
VDD (V)
800
700
600
500
400
300
IDD vs. VDD
3.0
4.0
5.0
6.0
650_8.eps
L = 560
µH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com