Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP560 Datasheet (PDF) - IMP, Inc

IMP560 Datasheet PDF - IMP, Inc
Part # IMP560
Download  IMP560 Download
File Size   153.98 Kbytes
Page   8 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description POWER EFFICIENT EL LAMP DRIVER

IMP560 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP560 Datasheet PDF - IMP, Inc

Part # IMP560
Download  IMP560 Click to download

File Size   153.98 Kbytes
Page   8 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description POWER EFFICIENT EL LAMP DRIVER

IMP560 Datasheet (HTML) - IMP, Inc


IMP560 Product details

The IMP560 is an Electroluminescent (EL) lamp driver designed for systems with low EL lamp drive voltage requirements. It is ideal for low ambient light applications or where small lamps are used. With just onehalf the inductor current of the IMP803, the IMP560 reduces system power consumption and extends battery life. Input supply voltage range is 2.0V to 6.5V and quiescent current is a low 420µA. Typical EL lamp drive voltage is ±56V.

Key Features
◆ 112V peak-to-peak typical AC output voltage
◆ Low input current (w/inductor current)......12mA
◆ Low disabled input current......50nA
◆ Wide operating voltage range - from 2.0V to 6.5V
◆ Simple design requires few passive components
◆ Adjustable output lamp frequency controls lamp color and power consumption
◆ Adjustable converter frequency for minimum power consumption
◆ IMP803 pin-compatible
◆ MicroSO package option

Applications
◆ Night lights
◆ Automotive displays
◆ Cellular phones
◆ Pagers
◆ Clocks and radios
◆ Portable GPS receivers
◆ LCD module backlights




Similar Part No. - IMP560

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
9--Liine SCSII Termiinattor
08/19/02
logo
IMP, Inc
IMP5111CDP IMP-IMP5111CDP Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
logo
IMP, Inc
IMP5111CDPT IMP-IMP5111CDPT Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
More results


Similar Description - IMP560

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6591X TOKO-TK6591X Datasheet
203Kb / 20P
SMALL EL LAMP DRIVER
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
LARGE EL LAMP DRIVER
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
EL LAMP DRIVER CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com