Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP560 Datasheet(PDF) 6 Page - IMP, Inc

Part # IMP560
Description  POWER EFFICIENT EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP560 Datasheet(HTML) 6 Page - IMP, Inc

  IMP560 Datasheet HTML 1Page - IMP, Inc IMP560 Datasheet HTML 2Page - IMP, Inc IMP560 Datasheet HTML 3Page - IMP, Inc IMP560 Datasheet HTML 4Page - IMP, Inc IMP560 Datasheet HTML 5Page - IMP, Inc IMP560 Datasheet HTML 6Page - IMP, Inc IMP560 Datasheet HTML 7Page - IMP, Inc IMP560 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IMP560
IMP560
6
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Enable/Disable Operation
Figure 3 shows the IMP560 can be enabled via a logic gate that con-
nects RSW to VDD, and disabled by connecting it to ground. RELmay
be connected either to VDD or to the gate.
RSW Connection
IMP560 State
VDD
Enabled
Ground
Disabled
Figure 3. Enable/Disable Operation
+
–
ON = VDD
OFF = 0V
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP560
REL
CMOS
Gate
RSW
L1
VIN
0.1
µF2
15V
1N4148
EL lamp
Note:
1. Murata part # LQH4N561K04 (DC resistance <14.5
Ω)
2. Larger values may be required depending upon supply impedance.
560_11.eps
0.1
µF
100V
Enable/Disable Table
Dual Supply Operation with 1.5V Battery
The IMP560 can also be operate from a single battery cell when a
regulated voltage higher than 2.0V is also available. The dual
supply configuration, shown in Figure 4, uses the regulated
voltage to operate the IMP560 while the energy for the high-
voltage boost circuit comes from the battery. The current to run
the internal logic is typically 420
µA.
The circuit of Figure 4 can also be used with batteries that exceed
6.0V as long as VDD does not exceed 6.5V.
+
–
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP560
REL
Regulated Voltage
(2.0V to 6.5V)
RSW
L
Battery
Voltage
VIN
0.1
µF*
1N4148
EL lamp
560_12.eps
0.1
µF
100V
CS
* Larger values may be required
depending upon supply impedance
ON = VDD
OFF = 0V
Figure 4. Dual Supply Operation with High Battery Voltages



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com