Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP560 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP560
Description  POWER EFFICIENT EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP560 Datasheet(HTML) 1 Page - IMP, Inc

  IMP560 Datasheet HTML 1Page - IMP, Inc IMP560 Datasheet HTML 2Page - IMP, Inc IMP560 Datasheet HTML 3Page - IMP, Inc IMP560 Datasheet HTML 4Page - IMP, Inc IMP560 Datasheet HTML 5Page - IMP, Inc IMP560 Datasheet HTML 6Page - IMP, Inc IMP560 Datasheet HTML 7Page - IMP, Inc IMP560 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP560
IMP560
POWER MANAGEMENT
P
Po
ow
wer Ef
er Effficient
icient
EL Lam
EL Lamp Dr
p Driv
iver
er
N Night lights
N Automotive displays
N Cellular phones
N Pagers
N Clocks and radios
N Portable GPS receivers
N LCD module backlights
N 112V peak-to-peak typical AC output voltage
N Low input current (w/inductor current)......12mA
N Low disabled input current......50nA
N Wide operating voltage range - from 2.0V to 6.5V
N Simple design requires few passive components
N Adjustable output lamp frequency controls lamp
color and power consumption
N Adjustable converter frequency for minimum
power consumption
N IMP803 pin-compatible
N MicroSO package option
Block Diagram
–
+
560_01.eps
VDD
1
LX
4
CS
3
VA
7
VB
6
RSW-OSC
2
Switch
Oscillator
Regulation
Control
IMP560
Bridge Output
Driver and
OSC
Q
Q
Q
VREF
C
GND
5
REL-OSC
8
Q
The IMP560 is an Electroluminescent (EL) lamp driver designed for sys-
tems with low EL lamp drive voltage requirements. It is ideal for low
ambient light applications or where small lamps are used. With just one-
half the inductor current of the IMP803, the IMP560 reduces system
power consumption and extends battery life. Input supply voltage range
is 2.0V to 6.5V and quiescent current is a low 420
µA. Typical EL lamp
drive voltage is ±56V.
All four EL lamp-driving functions are on-chip. These are the switch-
mode power supply, its high-frequency oscillator, the high-voltage
H-bridge lamp driver and its low-frequency oscillator. EL lamps of up to
6nF capacitance can be driven to high brightness.
The circuit requires few external components; a single inductor, a single
diode, two capacitors and three resistors. Two of these resistors set the
frequencies for two internal oscillators. An internal circuit shuts down
the switching regulator when the lamp drive voltage exceeds 120V
peak-to-peak. This conserves power and extends battery life.
A disable mode puts the chip into a low current drain mode. With a 3.0V
supply, quiescent current drops to 200nA maximum, 50nA typical. The
chip is disabled by connecting the oscillator frequency setting resistor
RSW to ground.
The IMP560 is available in MicroSO and SO-8 packages and in die or
wafer form.
Key Features
Applications


Similar Part No. - IMP560

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
9--Liine SCSII Termiinattor
08/19/02
logo
IMP, Inc
IMP5111CDP IMP-IMP5111CDP Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
logo
IMP, Inc
IMP5111CDPT IMP-IMP5111CDPT Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
More results

Similar Description - IMP560

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6591X TOKO-TK6591X Datasheet
203Kb / 20P
SMALL EL LAMP DRIVER
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
LARGE EL LAMP DRIVER
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
EL LAMP DRIVER CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com