Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6301 Datasheet(PDF) 6 Page - Impala Linear Corporation

Part # ILC6301
Description  100mA DC/DC CONVERTER WITH KEEPALIVE OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6301 Datasheet(HTML) 6 Page - Impala Linear Corporation

  ILC6301 Datasheet HTML 1Page - Impala Linear Corporation ILC6301 Datasheet HTML 2Page - Impala Linear Corporation ILC6301 Datasheet HTML 3Page - Impala Linear Corporation ILC6301 Datasheet HTML 4Page - Impala Linear Corporation ILC6301 Datasheet HTML 5Page - Impala Linear Corporation ILC6301 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pin 1 identifier
0.197
0.190
0.155
0.150
0.244
0.228
0.069
0.053
0.011
0.004
0.060
0.040
0.019
0.013
0.050
0.016
0.012
0.009
0.8°
0.260
0.240
0.019
0.013
0.260
0.240
0.260
0.240
0.260
0.240
0.260
0.240
0.260
0.240
0.260
0.240
0.260
0.240
All dimensions in inches
8-Pin MSOP
8-Pin SOIC
100mA DC/DC Converter With KeepAlive™ Output
Advance
Impala Linear Corporation
6
(408) 574-3939
www.impalalinear.com
Feb 2001
ILC6301 1.1
Package Dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com