Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6301 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC6301
Description  100mA DC/DC CONVERTER WITH KEEPALIVE OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6301 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC6301 Datasheet HTML 1Page - Impala Linear Corporation ILC6301 Datasheet HTML 2Page - Impala Linear Corporation ILC6301 Datasheet HTML 3Page - Impala Linear Corporation ILC6301 Datasheet HTML 4Page - Impala Linear Corporation ILC6301 Datasheet HTML 5Page - Impala Linear Corporation ILC6301 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Name
VDD
VSS
VOUT MAIN
VOUT KeepAlive
On/Off
Select
Flag
LX
Pin Number
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
Pin Description
Input voltage. i.e. Battery. Positive Relative to VSS
Common, Ground
Main output voltage. Output bypass capacitor connection
KA output voltage. Output bypass capacitor connection
Digital input activates device. 1 = ON, 0 = OFF
Can be tied to VDD
Digital input, mode select. 1= Normal, 0 = KeepAlive
Digital Output. Indicates low battery status
Connection for inductor. (inductor returns to VDD)
Can be tied to VDD
Driver-
Control
SWITCHER
KEEP ALIVE
Driver-
Control
SW_OUT
KA_OUT
L
X
Thermal
Input
Control
ON/OFF
SEL
FLAG
KA_ON
Switcher_ON
Phase
Control
Mode
V-REG
V
ref
OSC
V
SS
V
DD
100mA DC/DC Converter With KeepAlive™ Output
Advance
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
Feb 2001
ILC6301 1.1
Pin Description ILC6301
Functional Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com