Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6301 Datasheet (PDF) - Impala Linear Corporation

ILC6301 Datasheet PDF - Impala Linear Corporation
Part # ILC6301
Download  ILC6301 Download
File Size   57.31 Kbytes
Page   6 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description 100mA DC/DC CONVERTER WITH KEEPALIVE OUTPUT

ILC6301 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC6301 Datasheet PDF - Impala Linear Corporation

Part # ILC6301
Download  ILC6301 Click to download

File Size   57.31 Kbytes
Page   6 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description 100mA DC/DC CONVERTER WITH KEEPALIVE OUTPUT

ILC6301 Datasheet (HTML) - Impala Linear Corporation


ILC6301 Product details

General Description

The ILC6301 series of DC-DC converters represents an advanced generation of energy resource management IC’s for battery operated and portable systems. This device series showcases the unique ability to power down a primary load while maintaining power regulation to a secondary load that must remain continuously active. Termed “KeepAlive™” (KA), this feature can supply auxiliary power to serial port receivers, command receivers or control sensors (i.e. IR, RF) while holding other system blocks in stand by or power-down mode. Main and KA™ outputs are user selected via the SEL pin. Overall device control is accomplished with the use of the On/Off pin. Only one output is active at any time.



Features

• Selectable Main (to 100mA) or KeepAlive™ (to 10mA) voltage outputs

• Input voltage operating range 1.8V to 6.0V

• 3.0V or 3.3V fixed output voltages (custom requirements contact Impala)

• Internal controlled synchronous operation requires no external diode

• Optimized design requires a minimum of external components One inductor and three capacitors

• Low power OFF mode, < 1µA @ VDD = 1.8V

• Internal oscillator frequency ~ 210kHz ±15%

• Condition Flag output




Similar Part No. - ILC6301

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6360 IMPALA-ILC6360 Datasheet
687Kb / 14P
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
ILC6360CIR-36 IMPALA-ILC6360CIR-36 Datasheet
687Kb / 14P
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
ILC6360CIR-ADJ IMPALA-ILC6360CIR-ADJ Datasheet
687Kb / 14P
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
ILC6363CIR50X FAIRCHILD-ILC6363CIR50X Datasheet
158Kb / 14P
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
More results


Similar Description - ILC6301

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Rohm
BP5034D12 ROHM-BP5034D12 Datasheet
37Kb / 3P
AC/DC converter AC100V input, 12V/100mA output
BP5033-12 ROHM-BP5033-12 Datasheet
66Kb / 3P
AC/DC converter - AC100V input, 12V/100mA output
BP5122 ROHM-BP5122 Datasheet
560Kb / 3P
DC/DC converter (-12V/100mA output)
logo
MORNSUN Science& Techno...
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
TWIN OUTPUT DC-DC CONVERTER
logo
Make-Ps
M-78H-NZ MAKE-PS-M-78H-NZ Datasheet
373Kb / 3P
Single Output DC/DC Converter
M-78R-NZ MAKE-PS-M-78R-NZ Datasheet
435Kb / 4P
Single Output DC/DC Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
100mA PFM Synchronous Step-up DC/DC Converter
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com