Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6301 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC6301
Description  100mA DC/DC CONVERTER WITH KEEPALIVE OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6301 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC6301 Datasheet HTML 1Page - Impala Linear Corporation ILC6301 Datasheet HTML 2Page - Impala Linear Corporation ILC6301 Datasheet HTML 3Page - Impala Linear Corporation ILC6301 Datasheet HTML 4Page - Impala Linear Corporation ILC6301 Datasheet HTML 5Page - Impala Linear Corporation ILC6301 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Symbol
VOUT
IO(MAX)
IO(MIN)
VR
EFF
Units
µH
µF
µF
µF
Value
10
20
20
20 (or user TBD)
Parameter
Out Voltage
Output Current, max
Input Current, min
Ripple at max load
Conversion Efficiency
Symbol
VOUT
IO(MAX)
IO(MIN)
VR
EFF
Min
10
48
Typ
3 or 3.3
Max
100
60
86
Units
V
mA
mA
mV
%
Comment
Mask programmable
Short circuit limiting not enabled
Regulation and ripple percentage
Degrades slightly at lower IOUT
LX and COUT as recommended
Switcher Section Parameters
Parameter
Out Voltage
Output Current, max
Input Current, min
Ripple at max load
Conversion Efficiency
Min
1
Typ
3 or 3.3
85
Max
10
60
Units
V
mA
mA
mV
%
Comment
Fixed
Short circuit limiting not enabled
Regulation and ripple percentage
Degrades slightly at lower IOUT
Coil and COUT as recommended
KeepAlive Section Parameters
Switcher Section
Coil
Switch out capacitor
KeepAlive
Output capacitor
General
Input bypass capacitor
Recommended Components
Note: Customer may choose to optimize recommended values to suit a given application
100mA DC/DC Converter With KeepAlive™ Output
Advance
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
Feb 2001
ILC6301 1.1
Electrical Characteristics ILC6301



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com