Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA28F016SV-080 Datasheet(PDF) 9 Page - Intel Corporation

Part # DA28F016SV-080
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SV-080 Datasheet(HTML) 9 Page - Intel Corporation

Back Button DA28F016SV-080 Datasheet HTML 5Page - Intel Corporation DA28F016SV-080 Datasheet HTML 6Page - Intel Corporation DA28F016SV-080 Datasheet HTML 7Page - Intel Corporation DA28F016SV-080 Datasheet HTML 8Page - Intel Corporation DA28F016SV-080 Datasheet HTML 9Page - Intel Corporation DA28F016SV-080 Datasheet HTML 10Page - Intel Corporation DA28F016SV-080 Datasheet HTML 11Page - Intel Corporation DA28F016SV-080 Datasheet HTML 12Page - Intel Corporation DA28F016SV-080 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
9
order address and address A0 is not used (don’t
care). A device block diagram is shown in Figure
1.
The 28F016SV is specified for a maximum access
time of 65 ns (tACC) at 5V operation (4.75V to
5.25V) over the commercial temperature range
(0
°C to +70°C). A corresponding maximum access
time of 75 ns at 3.3V (3.0V to 3.6V and 0
°C to
+70
°C)
is
achieved
for
reduced
power
consumption applications.
The 28F016SV incorporates an Automatic Power
Saving (APS) feature, which substantially reduces
the active current when the device is in static
mode of operation (addresses not switching). In
APS mode, the typical ICC current is 1 mA at 5V
(3.0 mA at 3.3V).
A deep power-down mode of operation is invoked
when the RP# (called PWD# on the 28F008SA)
pin transitions low. This mode brings the device
power consumption to less than 2.0 µA, typically,
and provides additional program protection by
acting as a device reset pin during power
transitions. A reset time of 400 ns (5V VCC
operation) is required from RP# switching high
until outputs are again valid. In the Deep Power-
Down state, the WSM is reset (any current
operation will abort) and the CSR, GSR and BSR
registers are cleared.
A CMOS standby mode of operation is enabled
when either CE0# or CE1# transitions high and
RP# stays high with all input control pins at CMOS
levels. In this mode, the device typically draws an
ICC standby current of 70 µA at 5V VCC.
The 28F016SV will be available in 56-lead,
1.2 mm thick, 14 mm x 20 mm TSOP and 56-lead,
1.8 mm thick, 16 mm x 23.7 SSOP Type I
packages. The form factor and pinout of these two
packages
allow
for
very
high
board
layout
densities.
2.0 DEVICE PINOUT
The 28F016SV 56-lead TSOP and 56-lead SSOP
Type I pinout configurations are shown in Figures
2 and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com