Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA28F016SV-080 Datasheet(PDF) 27 Page - Intel Corporation

Part # DA28F016SV-080
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SV-080 Datasheet(HTML) 27 Page - Intel Corporation

Back Button DA28F016SV-080 Datasheet HTML 23Page - Intel Corporation DA28F016SV-080 Datasheet HTML 24Page - Intel Corporation DA28F016SV-080 Datasheet HTML 25Page - Intel Corporation DA28F016SV-080 Datasheet HTML 26Page - Intel Corporation DA28F016SV-080 Datasheet HTML 27Page - Intel Corporation DA28F016SV-080 Datasheet HTML 28Page - Intel Corporation DA28F016SV-080 Datasheet HTML 29Page - Intel Corporation DA28F016SV-080 Datasheet HTML 30Page - Intel Corporation DA28F016SV-080 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
27
TEST POINTS
INPUT
OUTPUT
2.0
0.8
0.8
2.0
2.4
0.45
AC test inputs are driven at V
OH (2.4 VTTL) for a Logic “1” and VOL (0.45 VTTL) for a Logic “0.” Input timing begins at VIH
(2.0 VTTL) and V
IL (0.8 VTTL). Output timing ends at VIH and VIL. Input rise and fall times (10% to 90%) <10 ns.
0528_07
Figure 7. Transient Input/Output Reference Waveform for
VCC = 5V ± 10% (Standard Testing Configuration)(1)
TEST POINTS
INPUT
OUTPUT
1.5
3.0
0.0
1.5
AC test inputs are driven at 3.0V for a Logic “1” and 0.0V for a Logic “0.” Input timing begins, and output timing ends, at 1.5V.
Input rise and fall times (10% to 90%) <10 ns.
0528_08
Figure 8. Transient Input/Output Reference Waveform for VCC = 3.3V ± 0.3V
and VCC = 5V ± 5% (High Speed Testing Configuration)(2)
NOTES:
1. Testing characteristics for 28F016SV-070 (Standard Testing Configuration) and 28F016SV-080.
2. Testing characteristics for 28F016SV-065/28F016SV-075 and 28F016SV-70 (High Speed Testing Configuration)/
28F016SV-120.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com