Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA28F016SV-080 Datasheet(PDF) 33 Page - Intel Corporation

Part # DA28F016SV-080
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SV-080 Datasheet(HTML) 33 Page - Intel Corporation

Back Button DA28F016SV-080 Datasheet HTML 29Page - Intel Corporation DA28F016SV-080 Datasheet HTML 30Page - Intel Corporation DA28F016SV-080 Datasheet HTML 31Page - Intel Corporation DA28F016SV-080 Datasheet HTML 32Page - Intel Corporation DA28F016SV-080 Datasheet HTML 33Page - Intel Corporation DA28F016SV-080 Datasheet HTML 34Page - Intel Corporation DA28F016SV-080 Datasheet HTML 35Page - Intel Corporation DA28F016SV-080 Datasheet HTML 36Page - Intel Corporation DA28F016SV-080 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
33
5.4 DC Characteristics
VCC = 5V ± 0.5V, 5V ± 0.25V, TA = 0°C to +70°C, –40°C to +85°C
3/5# = Pin Set Low for 5V Operations
Temp
Commercial
Extended
Sym
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
ILI
Input Load
Current
1± 1
± 1
µA
VCC = VCC Max
VIN = VCC or GND
ILO
Output
Leakage
Current
1
± 10
± 10
µA
VCC = VCC Max
VOUT = VCC or GND
ICCS
VCC Standby
Current
1,5
70
130
70
130
µA
VCC = VCC Max
CE0#, CE1#, RP# =
VCC ± 0.2V
BYTE#, WP#, 3/5#
= VCC ± 0.2V or
GND ± 0.2V
2
4
2
4
mA
VCC = VCC Max,
CE0#, CE1#, RP# =
VIH
BYTE#, WP#, 3/5#
= VIH or VIL
ICCD
VCC Deep
Power-Down
Current
1
2
10
5
15
µA
RP# = GND ± 0.2V
BYTE# = VCC ±
0.2V or GND ±
0.2V
ICCR1VCC Read
Current
1,4,5
75
95
75
105
mA
VCC = VCC Max
CMOS: CE0#, CE1#
= GND ± 0.2V,
BYTE# = GND ±
0.2V or VCC ±
0.2V, Inputs =
GND ± 0.2V or,
VCC ± 0.2V
TTL: CE0#, CE1# =
VIL, BYTE# = VIL
or VIH, Inputs =
VIL or VIH
f = 10 MHz, IOUT =
0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com