Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HA Datasheet(PDF) 16 Page - Intel Corporation

Part # 80960HA
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA Datasheet(HTML) 16 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 12Page - Intel Corporation 80960HA Datasheet HTML 13Page - Intel Corporation 80960HA Datasheet HTML 14Page - Intel Corporation 80960HA Datasheet HTML 15Page - Intel Corporation 80960HA Datasheet HTML 16Page - Intel Corporation 80960HA Datasheet HTML 17Page - Intel Corporation 80960HA Datasheet HTML 18Page - Intel Corporation 80960HA Datasheet HTML 19Page - Intel Corporation 80960HA Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
80960HA/HD/HT
10
Advance Information Datasheet
HOLD
I
S(L)
HOLD REQUEST signals that an external agent requests access to the
processor’s address, data, and control buses. When HOLD is asserted, the
processor:
Completes the current bus request.
Asserts HOLDA and floats the address, data, and control buses.
When HOLD is deasserted, the HOLDA pin is deasserted and the processor
reassumes control of the address, data, and control pins.
HOLDA
O
H(1)
B(0)
R(Q)
HOLD ACKNOWLEDGE indicates to an external master that the processor has
relinquished control of the bus. The processor grants HOLD requests and enters
the HOLDA state while the RESET pin is asserted.
HOLDA is never granted while LOCK is asserted.
BOFF
I
S(L)
BUS BACKOFF forces the processor to immediately relinquish control of the bus
on the next clock cycle. When READY/BTERM is enabled and:
When BOFF is asserted, the address, data, and control buses are floated on the
next clock cycle and the current access is aborted.
When BOFF is deasserted, the processor resumes by regenerating the aborted
bus access.
See Figure 16 on page 40 for BOFF timing requirements.
BREQ
O
H(Q)
B(Q)
R(0)
BUS REQUEST indicates that a bus request is pending in the bus controller.
BREQ does not indicate whether or not the processor is stalled. See BSTALL for
processor stall status. BREQ can be used with BSTALL to indicate to an external
bus arbiter the processor’s bus ownership requirements.
BSTALL
O
H(Q)
B(Q)
R(0)
BUS STALL indicates that the processor has stalled pending the result of a
request in the bus controller. When BSTALL is asserted, the processor must
regain bus ownership to continue processing (i.e., it can no longer execute strictly
out of on-chip cache memory).
CT3:0
O
H(Z)
B(Z)
R(Z)
CYCLE TYPE indicates the type of bus cycle currently being started or processor
state. CT3:0 encoding follows:
Cycle Type
ADSCT3:0
Program-initiated access using 8-bit bus
00000
Program-initiated access using 16-bit bus
00001
Program-initiated access using 32-bit bus
00010
Event-initiated access using 8-bit bus
00100
Event-initiated access using 16-bit bus
00101
Event-initiated access using 32-bit bus
00110
Reserved
00X11
Reserved for future products
01XXX
Reserved
1XXXX
XINT7:0
I
A(E)
A(L)
EXTERNAL INTERRUPT pins are used to request interrupt service. These pins
can be configured in three modes:
Dedicated Mode: Each pin is assigned a dedicated interrupt level. Dedicated
inputs can be programmed to be level (low or high) or edge (rising or falling)
sensitive.
Expanded Mode: All eight pins act as a vectored interrupt source. The interrupt
pins are level sensitive in this mode.
Mixed Mode: The XINT7:5 pins act as dedicated sources and the XINT4:0 pins act
as the five most significant bits of a vectored source. The least significant bits of
the vectored source are set to “010” internally.
NMI
I
A(E)
NON-MASKABLE INTERRUPT causes a non-maskable interrupt event to occur.
NMI is the highest priority interrupt source. NMI is falling edge triggered.
Table 7.
80960Hx Processor Family Pin Descriptions (Sheet 3 of 4)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com