Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HA Datasheet(PDF) 31 Page - Intel Corporation

Part # 80960HA
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA Datasheet(HTML) 31 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 27Page - Intel Corporation 80960HA Datasheet HTML 28Page - Intel Corporation 80960HA Datasheet HTML 29Page - Intel Corporation 80960HA Datasheet HTML 30Page - Intel Corporation 80960HA Datasheet HTML 31Page - Intel Corporation 80960HA Datasheet HTML 32Page - Intel Corporation 80960HA Datasheet HTML 33Page - Intel Corporation 80960HA Datasheet HTML 34Page - Intel Corporation 80960HA Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
25
Table 14. Maximum TA at Various Airflows in °C (PQ4 Package Only)
Airflow-ft/min (m/sec)
fCLKIN
(MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
Core
1X Bus
Clock
TA with
Heatsink*
25
33
40
71
67
63
76
74
71
79
77
75
79
77
75
80
79
77
80
79
77
TA
without
Heatsink
25
33
40
70
65
61
73
68
65
75
72
69
75
72
69
76
74
71
76
74
71
Core
2X Bus
Clock
TA with
Heatsink*
16
25
33
40
71
62
55
48
76
71
66
62
79
75
71
68
79
75
71
68
80
77
74
72
80
77
74
72
TA
without
Heatsink
16
25
33
40
69
60
52
42
72
64
57
51
75
68
63
58
75
68
63
58
76
71
66
62
76
71
66
62
Core
3X Bus
Clock
TA with
Heatsink*
20
25
58
51
68
64
73
70
73
70
76
73
76
73
TA
without
Heatsink
20
25
56
48
61
55
66
61
66
61
68
64
68
64
*0.285” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 150 mil center-to-center fin spacing).
Table 15. 80960Hx 208-Pin PQ4 Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.07)
800
(4.06)
1000
(5.07)
θ Junction-to-Case
(Case measured as
shown in Figure 5)
111
111
θ Case-to-Ambient
(No Heatsink)
12
10
8
8
7
7
θ Case-to-Ambient
(With Heatsink)*
11
75
544
NOTES:
1. This table applies to 80960Hx PQ4 plugged into socket or soldered directly to board.
2.
θ
JA = θJC + θCA
*0.285” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 150 mil center-to-center fin spacing).
θ
JC
θ
JA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com